Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 3 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 3 Page - STMicroelectronics

  STA8135G Datasheet HTML 1Page - STMicroelectronics STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
1
Overview
The STA8135G is part of the Teseo V family: it is a MultiChipModule (MCM) combining both STA8100GA and
STA5635A in a single package.
It is a multi-band multi-constellation positioning receiver IC able to manage all the GNSS constellations such as
GPS, Galileo, GLONASS, BeiDou, NAVIC (former IRNSS) and QZSS, in L1, L2, L5, and E6 frequency bands.
The STA8135G is able to manage most of the GNSS bands (L1, L2, L5, E6) allowing even to receive
simultaneously three frequencies L1/L2/L5 or L1/L5/E6 in a single package without the need of any external RF
front-end.
The STA5635A integrated RF front-end supports L-band corrections signal reception.
It provides the precise raw measurements of all the visible GNSS satellites to the main host via serial interface to
let any possible precise position algorithm run. STA8135G also provides an autonomous precision positioning
calculation to the main host using all the satellites constellations.
It embeds separated LDOs to supply the analog parts, the digital core, and the IO ring of the device facilitating
requirements to external power supply.
The chip is manufactured in CMOS technology and housed in a TFBGA package 160 balls 7x11 mm body size
0.65 mm pitch.
STA8135G
Overview
DS14788 - Rev 1
page 3/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com