Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 2 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 2 Page - STMicroelectronics

  STA8135G Datasheet HTML 1Page - STMicroelectronics STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
•
Secure-digital multimedia memory card interfaces (SDMMC)
•
USB 2.0 full speed (12 Mb/s) with integrated physical layer transceiver
•
ESD: 2 kV (HBM) and 500 V (CDM)
Description
The STA8135G is part of the Teseo V family and it is a multi-band multi-constellation positioning receiver IC able
to manage all the GNSS constellations such as GPS, Galileo, GLONASS, BeiDou, NAVIC (former IRNSS) and
QZSS, in L1, L2, L5, and E6 frequency bands.
STA8135G
DS14788 - Rev 1
page 2/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com