Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics STA8135G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
Table 3. RF front-end pins
Symbol
I/O voltage
I/O
Description
Ball
ANTSens2/AIN1
IO ring RF
I
Antenna sensing - TPp_S1
M9
ANTSens1/AIN0
IO ring RF
I
Antenna sensing - TPn_S2
N9
LNA_IN
LNA VCC
I
LNA input
T9
LNA_OUT
LNA VCC
O
LNA output
R10
RFA_IN
VRFOUT
I
RFA input
P10
TCXO_IN
PLL VCC
I
TCXO input
T7
XTAL_IN_0
PLL VCC
I
TCXO_0 input
A2
RFA_IN_0
VRFOUT
I
RFA_0 input
A6
LNA_OUT_0
LNA_VCC_0
O
LNA_0 output
A8
LNA_IN_0
LNA_VCC_0
I
LNA_0 input
B10
TP_N_SENSE2_0
IO ring RF
I
Antenna sensing - TPIF_N_0
B2
TP_P_SENSE1_0
IO ring RF
I
Antenna sensing - TPIF_P_0
B3
CHIP_EN_0
IO ring RF
I
Chip_En_0
C2
TCXO_CLK_0
PLL_VCCp_0
I
TCXO_CLK_0 input
D1
Table 4. RF chip reserved
Symbol
I/O voltage(1) I/O
Description
Ball
Reserved8 IO ring1 (FS)
I
Reserved8
K6
Reserved7 IO ring1 (FS) I/O
Reserved7 - ball L6 works as SPI slave interrupt pin in case the integrated STA5635 is
used for L-band correction reception
L6
Reserved6 IOring1 (FS)
I
Reserved6
H6
Reserved5 IO ring1 (FS)
I
Reserved5
J2
Reserved4 IO ring1 (FS)
I
Reserved4
J3
Reserved3 IO ring1 (FS)
I
Reserved3
E6
Reserved2 IOring1 (FS)
I
Reserved2
F6
Reserved1 IO ring1 (FS)
I
Reserved1
K4
1. (FS) Fail Safe IO
Table 5. Communication interface pins
Symbol
I/O voltage(1)
I/O
AF
Function
Description
Ball Reset
GPIO6
IO ring 2 (FS)
I/O Default
GPIO 6
-
D2
PD
I
ALT A
CAN0_RX
CAN receiver
-
O
ALT B
-
-
-
I/O
ALT C
I2C_SDA
I2C data
-
GPIO5
IO ring 2 (FS)
I/O Default
GPIO 5
-
G3
PD
O
ALT A
CAN0_TX
CAN transmitter
-
I
ALT B
SFC_DQS
Serial flash controller DQS
-
I/O
ALT C
I2C_CLK
I2C clock
-
GPIO32
IO ring 2 (FS)
I/O Default
GPIO 32
-
E8
PD
STA8135G
Block diagram and pin description
DS14788 - Rev 1
page 6/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com