Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 31 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STA8135G Datasheet HTML 27Page - STMicroelectronics STA8135G Datasheet HTML 28Page - STMicroelectronics STA8135G Datasheet HTML 29Page - STMicroelectronics STA8135G Datasheet HTML 30Page - STMicroelectronics STA8135G Datasheet HTML 31Page - STMicroelectronics STA8135G Datasheet HTML 32Page - STMicroelectronics STA8135G Datasheet HTML 33Page - STMicroelectronics STA8135G Datasheet HTML 34Page - STMicroelectronics STA8135G Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
4.7.3
MSP controller mode
Table 31. MSP0 controller mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
9.8125
MHz
25 pF
-
CLK period
101.9
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
10
-
ns
-
-
TIH
4
-
ns
-
-
Output
Todly
0
10
ns
25 pF
-
Note:
Specified by design, not tested in production.
Table 32. MSP0 target mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
9.8125
MHz
25 pF
-
CLK period
101.9
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
10
-
ns
-
-
TIH
4
-
ns
-
-
Output
Todly
0
14.5
ns
25 pF
-
Note:
Specified by design, not tested in production.
Table 33. MSP1 target mode
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
9.8125
MHz
25 pF
-
CLK period
101.9
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
7
-
ns
-
-
TIH
4
-
ns
-
-
Output
Todly
0
14
ns
25 pF
-
Note:
Specified by design, not tested in production.
4.7.4
JTAG
Table 34. JTAG characteristics
Type
Symbol
Min.
Max.
Unit
Cload
Notes
Clock
CLK freq.
-
26
MHz
25 pF
-
CLK period
38.4
-
ns
-
-
CLK duty cycle
40
60
%
-
-
Input
TIS
5
-
ns
-
-
STA8135G
Electrical specifications
DS14788 - Rev 1
page 31/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com