Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 5 Page - STMicroelectronics

  STA8135G Datasheet HTML 1Page - STMicroelectronics STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
Symbol
I/O voltage
I/O
Description
Ball
V2V5_OUT
2.5 V
PWR LDO core 2.5 V output
F5
GND_PMU
GND
GND Main voltage regulator ground
G2
GND_BKP_PMU
GND
GND Backup voltage regulator ground
P5
GND_TSENS
GND
GND Temperature sense block ground
D10
GND_RF
GND
GND RF ground
P9, R9, M8, N8, P8, R8
GND
GND
GND Ground
F8, M7, N6, M4, E3, E4, T3,
F2
LDO_1V1_OUT_0(2)
1.1 V
PWR LDO 1.1 V OUT_0
A1
PLL_VCCp_0(2)
1.2 V
PWR RF VCC_0 power input
A3
LDO_RF_OUT_1V1_0(2)
1.1 V
PWR LDO RF_0 power output
A4
LDO_IN_3V3_1V8_0(2)
1.70 or 3.6 V PWR LDO RF_0 power input - (LDO_RFin_0)
A5
RFA_IF_VCC_0(2)
1.2 V
PWR RFA_IF_VCC_0
A7
LNA_VCC_0(2)
1.2 V
PWR LNA_VCC_0
A9
RF_GND_0(2)
GND
GND RF_GND_0
B5, B6, B7, B8, B9, C7
GND_0(2)
GND
GND GND_0
B4, C4, D3, D5
LDO_1V8_OUT_0(2)
1.8 V
PWR LDO_1V8_OUT_0
B1
LDOS_VCC_0(2)
3 to 3.6 V
PWR LDO_0 power input
C1
LNA_GND_0
GND
GND LNA ground
A10, C10
1. Backup power shall be applied at the same time or before VCORE_IN, not after.
2. Pins names with trailing _0 are related to RF chip.
Table 2. Main function pins
Symbol
I/O voltage(1)
I/O
Description
Ball Reset state
EXT_REG_SEL
VCORE_IN
I
LDO core disable.
When high, the LDO Core is off. The Core must be supplied by
an external power through VDD_EXT_REG balls.
C3
NA
TEST
IOring2
I
TEST - JTAG enable. In mission/application mode this pin must
be connected to GND.
D4
Hi-Z/PD
RTC_XTI
VBK_IN/IOring0
I
If 32 kHz oscillator is enabled then input of the 32 kHz oscillator
amplifier circuit. Else CMOS input as electrical characteristic
table. Both cases, it is the reference for real time clock counter
circuitry.
T5
NA
RTC_XTO
VBK_IN/IOring0 O Output of the oscillator amplifier circuit.
T6
NA
RESETn
VBK_IN/IOring0
I
Reset input with Schmitt-Trigger characteristics and noise.
R5
Hi-Z/PD
WAKEUP
VBK_IN/IOring0
I
When high, the device will wakeup and exit from standby mode. It
has higher priority compared to Standby_in pin. Wakeup from
standby mode.
P6
Hi-Z
STANDBY_IN(2) VBK_IN/IOring0
I
When low, the chip is forced in standby mode.
R7
Hi-Z
STANDBY_OUT
VBK_IN
O When low, it indicates the device is in standby mode.
P7
Hi-Z
1. In standby mode , if VIO1 and VIO2 are powered, GPIOs have no driving capabilities and no PD/PU is active.
2. If VCORE_IN is removed before STANDBY_IN has switched from high to low, STANDBY_OUT remains high level, even if
device enters in standby mode.
STA8135G
Block diagram and pin description
DS14788 - Rev 1
page 5/41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com