Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA8135G Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA8135G
Description  Teseo V family industrial triple-band multi-constellation GNSS precise engine receiver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8135G Datasheet(HTML) 1 Page - STMicroelectronics

  STA8135G Datasheet HTML 1Page - STMicroelectronics STA8135G Datasheet HTML 2Page - STMicroelectronics STA8135G Datasheet HTML 3Page - STMicroelectronics STA8135G Datasheet HTML 4Page - STMicroelectronics STA8135G Datasheet HTML 5Page - STMicroelectronics STA8135G Datasheet HTML 6Page - STMicroelectronics STA8135G Datasheet HTML 7Page - STMicroelectronics STA8135G Datasheet HTML 8Page - STMicroelectronics STA8135G Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Features
•
STMicroelectronics 5th generation positioning receiver with 80 tracking
channels and 4 fast acquisition channels compatible with 6 constellations:
GPS, Galileo, GLONASS, BeiDou, QZSS, NAVIC (former IRNSS)
•
Triple band L1, L2, L5, E6 and L-band single package solution
•
SBAS systems: WAAS, EGNOS, MSAS, GAGAN, BeiDou
•
Code phase, carrier phase, doppler frequency measurement
•
Antenna sensing
•
PPS output
•
Notch filter for anti-jamming
•
ARM® Cortex® M7 core:
–
Maximum clock frequency 314 MHz
–
16 kB I-cache and 16 kB D-cache
–
64 kB I-TCM and 384 kB D-TCM, core clock speed
–
Nested vector interrupt controller
–
JTAG debugging capability
–
256 Kbyte system RAM
•
32-channel DMA
•
Memory interfaces:
–
SFC (Octal/Quad serial flash controller, SDR)
–
SD multimedia card
•
Serial interfaces:
–
3 x UART
–
Synchronous serial port (SPI supported)
–
I2C
–
2x multimode serial interfaces
–
2x CAN controllers
•
Core peripherals:
–
2x multi-timer units
–
Watchdog timer
–
1x extended function timers
–
32 kHz oscillator real-time clock
–
AES decipher hardware accelerator
•
Power management unit, with separate power supply domain and on-chip LDO
and high voltage/low voltage monitors:
–
Backup voltage domain 1.62 to 3.6 V with LDO for always-on core
supply and HV/LV detectors, and dedicated IO-ring0
–
Main voltage domain 1.62 to 3.6 V with LDO for switchable logic domain
and HV/LV detectors for 85 °C maximum ambient temperature
operations
–
Separate RF domain with dedicated LDO
–
IO-ring1 1.8 or 3.3 V capable, and dedicated 1.8 V LDO
–
IO-ring2 3.3 V ±10% capable
–
Fail-safe GPIOs available
TFBGA160 7x11x1.2 mm
0.65 mm ball pitch
Product status link
STA8135G
Product summary
Order code
STA8135GTR
Temperature range
-40 °C to +85 °C
Package
TFBGA160 7x11x1.2 mm
Packing
Tray, Tape and reel
Teseo V family industrial triple-band multi-constellation GNSS
precise engine receiver
STA8135G
Datasheet
DS14788 - Rev 1 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA8135G

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA8135GA STMICROELECTRONICS-STA8135GA Datasheet
484Kb / 29P
Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
October 2021 Rev 1
More results

Similar Description - STA8135G

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
L26-DR QUECTEL-L26-DR Datasheet
362Kb / 2P
Compact Multi-Constellation GNSS Module with DR Function
LC79D QUECTEL-LC79D Datasheet
1Mb / 2P
Ultra-Small Dual-Band Multi-Constellation GNSS Module
logo
STMicroelectronics
STA8100GA STMICROELECTRONICS-STA8100GA Datasheet
1,001Kb / 42P
Teseo V family automotive multi-band multi-constellation GNSS precise engine receiver
STA8135GA STMICROELECTRONICS-STA8135GA Datasheet
484Kb / 29P
Teseo V family automotive triple-band multi-constellation GNSS precise engine receiver
October 2021 Rev 1
STA9100MGA STMICROELECTRONICS-STA9100MGA Datasheet
76Kb / 3P
Automotive TeseoAPP (ASIL Precise Positioning) Family Multi Band GNSS Precise Measurement Engine receiver
logo
Yuechung International ...
YIC51612EBGGB YIC-YIC51612EBGGB Datasheet
1Mb / 19P
Ultra Low Power & Multi-Constellation GNSS Module
YIC51818GMGGB YIC-YIC51818GMGGB Datasheet
506Kb / 16P
Multi-Constellation GNSS Antenna Module
YIC-GR-504GGB YIC-YIC-GR-504GGB Datasheet
975Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GT-504GGB YIC-YIC-GT-504GGB Datasheet
1Mb / 17P
Multi-Constellation GNSS Receiver (G-Mouse)
YIC-GU-504GGB YIC-YIC-GU-504GGB Datasheet
925Kb / 15P
Multi-Constellation GNSS Receiver (G-Mouse)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com