Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM9715LGEFLV Datasheet (PDF) - Wolfson Microelectronics plc

WM9715LGEFLV Datasheet PDF - Wolfson Microelectronics plc
Part # WM9715LGEFLV
Download  WM9715LGEFLV Download
File Size   906.74 Kbytes
Page   77 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC??7 Audio and Touchpanel CODEC

WM9715LGEFLV Datasheet (PDF)

Go To PDF Page Download Datasheet
WM9715LGEFLV Datasheet PDF - Wolfson Microelectronics plc

Part # WM9715LGEFLV
Download  WM9715LGEFLV Click to download

File Size   906.74 Kbytes
Page   77 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description AC??7 Audio and Touchpanel CODEC

WM9715LGEFLV Datasheet (HTML) - Wolfson Microelectronics plc


WM9715LGEFLV Product details

DESCRIPTION
The WM9715L is a highly integrated input / output device designed for mobile computing and communications. The device can connect directly to a 4-wire or 5-wire touchpanel, mono or stereo microphones, stereo headphones and a mono speaker, reducing total component count in the system. Additionally, phone input and output pins are provided for seamless integration with wireless communication devices.

FEATURES
• AC’97 Rev 2.2 compatible stereo codec
    - DAC SNR 90dB, THD –86dB
    - ADC SNR 88dB, THD –88dB
    - Variable Rate Audio, supports all WinCE sample rates
    - Tone Control, Bass Boost and 3D Enhancement
• On-chip 45mW headphone driver
• On-chip 400mW mono speaker driver
• Stereo, mono or differential microphone input
    - Automatic Level Control (ALC)
• Auxiliary mono DAC (ring tone or DC level generation)
• Seamless interface to wireless chipset
• Resistive touchpanel interface
    - Supports 4-wire and 5-wire panels
    - 12-bit resolution, INL ±3 LSBs (<0.5 pixels)
    - X, Y and touch-pressure (Z) measurement
    - Pen-down detection supported in Sleep Mode
• 2 comparator inputs for battery monitoring
• Up to 4 auxiliary ADC inputs
• 1.8V to 3.6V supplies
• 7x7mm QFN

APPLICATIONS
• Personal Digital Assistants (PDA)
• Smartphones
• Handheld and Tablet Computers




Similar Part No. - WM9715LGEFLV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM9710 WOLFSON-WM9710 Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFL/RV WOLFSON-WM9710SEFL/RV Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFL/V WOLFSON-WM9710SEFL/V Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFT/RV WOLFSON-WM9710SEFT/RV Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
WM9710SEFT/V WOLFSON-WM9710SEFT/V Datasheet
310Kb / 32P
AC97 Audio CODEC and Mixer with Integrated Headphone Driver
More results


Similar Description - WM9715LGEFLV

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HMP9701 INTERSIL-HMP9701 Datasheet
174Kb / 20P
AC??7 Audio Codec
November 1998
HMP9701A INTERSIL-HMP9701A Datasheet
172Kb / 20P
AC??7 Audio Codec
November 1998
logo
List of Unclassifed Man...
ALC202 ETC-ALC202 Datasheet
598Kb / 29P
AC??7 Audio CODEC
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
AC 97 AUDIO TOUCHPANEL CODEC
WM9712L WOLFSON-WM9712L Datasheet
725Kb / 77P
AC97 Audio and Touchpanel CODEC
logo
Analog Devices
AD1986A AD-AD1986A Datasheet
365Kb / 56P
AC ??7 and HD Audio SoundMAX Codec
4/05-Revision 0
logo
Wolfson Microelectronic...
WM9713L WOLFSON-WM9713L_06 Datasheet
1Mb / 108P
AC 97 Audio Touchpanel CODEC
WM9712L WOLFSON-WM9712L_11 Datasheet
617Kb / 78P
AC??7 Audio and Touchpanel CODEC
logo
Cirrus Logic
WM9713L CIRRUS-WM9713L Datasheet
2Mb / 133P
AC??7 Audio and Touchpanel Codec
WM9714L CIRRUS-WM9714L Datasheet
2Mb / 120P
AC??7 Audio Codec
Rev 4.0 DEC 2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com