Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet (PDF) - STMicroelectronics

M34A02 Datasheet PDF - STMicroelectronics
Part # M34A02
Download  M34A02 Download
File Size   123.78 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial SMBus EEPROM for ACR Card Configuration

M34A02 Datasheet (PDF)

Go To PDF Page Download Datasheet
M34A02 Datasheet PDF - STMicroelectronics

Part # M34A02
Download  M34A02 Click to download

File Size   123.78 Kbytes
Page   15 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 2 Kbit Serial SMBus EEPROM for ACR Card Configuration

M34A02 Datasheet (HTML) - STMicroelectronics


M34A02 Product details

DESCRIPTION
These electrically erasable programmable memory (EEPROM) devices are organized as 256x8 bits, and operate down to 2.7 V. These devices are available in Plastic Small Outline and Thin Shrink Small Outline packages.

■ Two Wire SMBus Serial Interface
■ 2.7V to 3.6V Single Supply Voltage
■ Hardware Write Control
■ BYTE and PAGE WRITE (up to 16 Bytes)
■ RANDOM and SEQUENTIAL READ Modes
■ Self-Timed Programming Cycle
■ Automatic Address Incrementing
■ Enhanced ESD/Latch-Up Behavior
■ More than 1 Million Erase/Write Cycles
■ More than 40 Year Data Retention




Similar Part No. - M34A02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
11-Aug-09
M34 VISHAY-M34 Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
More results


Similar Description - M34A02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2201 STMICROELECTRONICS-M2201 Datasheet
111Kb / 15P
2-Wires 1 Kbit x8 Serial EEPROM
Jul-1999
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
8K 2.5V ACR SERIAL EEPROM
2001
logo
Catalyst Semiconductor
CAT34AC02 CATALYST-CAT34AC02 Datasheet
68Kb / 10P
2K-Bit SMBus EEPROM for ACR Card Configuration
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Microchip Technology
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
8K 2.5V ACR SERIAL EEPROM
2004
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
STMicroelectronics
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I²C bus EEPROM
27-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com