Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 4 Page - STMicroelectronics

  M34A02 Datasheet HTML 1Page - STMicroelectronics M34A02 Datasheet HTML 2Page - STMicroelectronics M34A02 Datasheet HTML 3Page - STMicroelectronics M34A02 Datasheet HTML 4Page - STMicroelectronics M34A02 Datasheet HTML 5Page - STMicroelectronics M34A02 Datasheet HTML 6Page - STMicroelectronics M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
M34A02
4/15
For correct device operation, Serial Data (SDA)
must be stable before the rising edge of Serial
Clock (SCL), and the data must change
only after
Serial Clock (SCL) is Low.
Memory Addressing
To start communication between the bus master
and the slave device, the bus master must initiate
a Start condition. Following this, the bus master
sends the 8-bit byte, shown in Table 3, on Serial
Data (SDA) (most significant bit first). This
consists of the 7-bit Device Select code, and the
Read/Write bit (RW).
The Device Select Code consists of a 4-bit Device
Type Identifier, and a 3-bit Chip Enable “Address”
(E2, E1, E0). To address the memory array, the 4-
bit Device Type Identifier is 1011b.
Up to eight memory devices can be connected on
a single bus. Each one is given a unique 3-bit code
on Chip Enable (E0, E1, E2). When the Device
Select Code is received on Serial Data (SDA), the
device only responds if the Chip Select Code is the
Figure 5. ACR Serial Bus Protocol
SCL
SDA
SCL
SDA
SDA
START
Condition
SDA
Input
SDA
Change
AI00792B
STOP
Condition
1
23
7
89
MSB
ACK
START
Condition
SCL
1
23
7
89
MSB
ACK
STOP
Condition
Table 3. Device Select Code 1
Note: 1. The most significant bit, b7, is sent first.
Device Type Identifier
Chip Enable
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device Select Code
1
0
1
1
E2
E1
E0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com