Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M34A02 Datasheet HTML 5Page - STMicroelectronics M34A02 Datasheet HTML 6Page - STMicroelectronics M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics M34A02 Datasheet HTML 10Page - STMicroelectronics M34A02 Datasheet HTML 11Page - STMicroelectronics M34A02 Datasheet HTML 12Page - STMicroelectronics M34A02 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
M34A02
Table 5. DC Characteristics
(TA = –40 to 85 °C; VCC = 2.7 to 3.6 V)
Table 6. AC Characteristics
Note: 1. For a reStart condition, or following a Write cycle.
2. Sampled only, not 100% tested.
3. To avoid spurious Start and Stop conditions, a minimum delay is placed between SCL=1 and the falling or rising edge of SDA.
Symbol
Parameter
Test Condition
Min.
Max.
Unit
ILI
Input Leakage Current
(SCL, SDA, E2, E1, E0)
0V
≤ VIN ≤ VCC
± 2
µA
ILO
Output Leakage Current
0 V
≤ VOUT ≤ VCC, SDA in Hi-Z
± 2
µA
ICC
Supply Current
VCC=3.6V, fc=100kHz (rise/fall time < 30ns)
2mA
VCC =2.7V, fc=100kHz (rise/fall time < 30ns)
1mA
ICC1
Supply Current (Stand-by)
VIN = VSS or VCC
1µA
VIL
Input Low Voltage
(E0-E2, SCL, SDA)
– 0.3
0.8
V
VIH
Input High Voltage
(E0-E2, SCL, SDA)
2.1
VCC+1
V
VIL
Input Low Voltage (WC)
– 0.3
0.5
V
VIH
Input High Voltage (WC)
2.1
VCC+1
V
VOL
Output Low Voltage
IOL = 3 mA
0.4
V
Symbol
Alt.
Parameter
M34A02
Unit
VCC=2.7 to 3.6V
TA = –40 to 85°C
Min
Max
tCH1CH2
tR
Clock Rise Time
1000
ns
tCL1CL2
tF
Clock Fall Time
300
ns
tDH1DH2 2
tR
SDA Rise Time
1000
ns
tDL1DL2 2
tF
SDA Fall Time
300
ns
tCHCL
tHIGH
Clock Pulse Width High
4
µs
tCLCH
tLOW
Clock Pulse Width Low
4.7
µs
tCHDX 1
tSU:STA
START Set-up Time
4.7
µs
tDLCL
tHD:STA
START Hold Time
4
µs
tDXCX
tSU:DAT
SDA In Set-up Time
250
ns
tCLDX
tHD:DAT
SDA In Hold Time
0
µs
tCHDH
tSU:STO
STOP Set-up Time
4
µs
tDHDL
tBUF
Time the bus must be free between STOP and next START
4.7
µs
tCLQV 3
tAA
Clock Low to SDA Out Valid
400
900
ns
tCLQX
tDH
SDA Out Hold Time after Clock Low
300
ns
fC
fSCL
Clock Frequency
10
100
kHz
tW
tWR
Write Time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com