Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 3 Page - STMicroelectronics

  M34A02 Datasheet HTML 1Page - STMicroelectronics M34A02 Datasheet HTML 2Page - STMicroelectronics M34A02 Datasheet HTML 3Page - STMicroelectronics M34A02 Datasheet HTML 4Page - STMicroelectronics M34A02 Datasheet HTML 5Page - STMicroelectronics M34A02 Datasheet HTML 6Page - STMicroelectronics M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3/15
M34A02
can be calculated). In most applications, though,
this method of synchronization is not employed,
and so the pull-up resistor is not necessary,
provided that the bus master has a push-pull
(rather than open drain) output.
Serial Data (SDA)
This bi-directional signal is used to transfer data in
or out of the device. It is an open drain output that
may be wire-OR’ed with other open drain or open
collector signals on the bus. A pull up resistor must
be connected from Serial Data (SDA) to VCC.
(Figure 3 indicates how the value of the pull-up
resistor can be calculated).
Chip Enable (E0, E1, E2)
These input signals are used to set the value that
is to be looked for on the three least significant bits
(b3, b2, b1) of the 7-bit Device Select Code. These
inputs should be tied to VCC or VSS, to establish
the Device Select Code.
Write Control (WC)
This input signal is useful for protecting the entire
contents of the memory from inadvertent erase
and
write
operations.
Write
operations
are
disabled to the entire memory array when Write
Control (WC) is held High. When unconnected, the
signal is internally read as VIL, and Write
operations are allowed.
When Write Control (WC) is held High, Device
Select and Address bytes are acknowledged,
Data bytes are
not acknowledged.
DEVICE OPERATION
The device supports the ACR Serial Bus protocol.
This is summarized in Figure 4. Any device that
sends data on to the bus is defined to be a
transmitter, and any device that reads the data to
be a receiver. The device that controls the data
transfer is known as the bus master, and the other
as the slave device. A data transfer can only be
initiated by the bus master, which will also provide
the serial clock for synchronization. The device is
always a slave in all communication.
Start Condition
Start is identified by a falling edge of Serial Data
(SDA) while Serial Clock (SCL) is stable in the
High state. A Start condition must precede any
data transfer command. The device continuously
monitors (except during a Write cycle) Serial Data
(SDA) and Serial Clock (SCL) for a Start condition,
and will not respond unless one is given.
Stop Condition
Stop is identified by a rising edge of the SDA line
while the clock SCL is stable in the High state. A
Stop
condition
terminates
communication
between the device and the bus master. A Stop
condition at the end of a Read command, provided
that it is followed by NoAck, forces the device into
its Stand-by mode. A Stop condition at the end of
a Write command triggers the internal EEPROM
Write cycle.
Acknowledge Bit (ACK)
The acknowledge bit is used to indicate a
successful byte transfer. The bus transmitter,
whether it be bus master or slave device, releases
Serial Data (SDA) after sending eight bits of data.
During the 9th clock pulse period, the receiver pulls
Serial Data (SDA) Low to acknowledge the receipt
of the eight data bits.
Data Input
During data input, the device samples Serial Data
(SDA) on the rising edge of Serial Clock (SCL).
Figure 4. Maximum RL Value versus Bus Capacitance (CBUS) for an ACR Serial Bus
AI01665
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
0
4
8
12
16
20
CBUS (pF)
10
1000
fc = 400kHz
fc = 100kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com