Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics M34A02 Datasheet HTML 10Page - STMicroelectronics M34A02 Datasheet HTML 11Page - STMicroelectronics M34A02 Datasheet HTML 12Page - STMicroelectronics M34A02 Datasheet HTML 13Page - STMicroelectronics M34A02 Datasheet HTML 14Page - STMicroelectronics M34A02 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
M34A02
Table 8. Ordering Information Scheme
Example:
M34A02
–
V
DW
6
T
Memory Capacity
Option
02
2 Kbit (256 x 8)
T
Tape and Reel Packing
Operating Voltage
V
2.7 V to 3.6 V
Package
Temperature Range
MN
SO8 (150 mil width)
6
–40 °C to 85 °C
DW
TSSOP8 (169 mil width)
output, and sends additional clock pulses so that
the device continues to output the next byte in
sequence. To terminate the stream of bytes, the
bus master must
not acknowledge the last byte,
and
must generate a Stop condition, as shown in
Figure 8.
The
output
data
comes
from
consecutive
addresses, with the internal address counter
automatically incremented after each byte output.
After the last memory address, the address
counter ‘rolls-over’, and the device continues to
output data from memory address 00h.
Acknowledge in Read Mode
For all Read commands, the device waits, after
each byte read, for an acknowledgment during the
9th bit time. If the bus master does not drive Serial
Data (SDA) Low during this time, the device
terminates the data transfer and switches to its
Stand-by mode.
ORDERING INFORMATION
Devices are shipped from the factory with the
memory content set at all 1s (FFh).
The notation used for the device number is as
shown in Table 8. For a list of available options
(speed, package, etc.) or for further information on
any aspect of this device, please contact your
nearest ST Sales Office.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com