Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics M34A02 Datasheet HTML 10Page - STMicroelectronics M34A02 Datasheet HTML 11Page - STMicroelectronics M34A02 Datasheet HTML 12Page - STMicroelectronics M34A02 Datasheet HTML 13Page - STMicroelectronics M34A02 Datasheet HTML 14Page - STMicroelectronics M34A02 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
M34A02
12/15
SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width
Note: Drawing is not to scale.
SO-a
E
N
CP
B
e
A
D
C
L
A1
α
1
H
h x 45˚
SO8 narrow – 8 lead Plastic Small Outline, 150 mils body width
Symb.
mm
inches
Typ.
Min.
Max.
Typ.
Min.
Max.
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D
4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
–
–
0.050
–
–
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
0.90
0.016
0.035
α
0°
8°
0°
8°
N8
8
CP
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com