Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34A02 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M34A02
Description  2 Kbit Serial SMBus EEPROM for ACR Card Configuration
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34A02 Datasheet(HTML) 1 Page - STMicroelectronics

  M34A02 Datasheet HTML 1Page - STMicroelectronics M34A02 Datasheet HTML 2Page - STMicroelectronics M34A02 Datasheet HTML 3Page - STMicroelectronics M34A02 Datasheet HTML 4Page - STMicroelectronics M34A02 Datasheet HTML 5Page - STMicroelectronics M34A02 Datasheet HTML 6Page - STMicroelectronics M34A02 Datasheet HTML 7Page - STMicroelectronics M34A02 Datasheet HTML 8Page - STMicroelectronics M34A02 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1/15
PRODUCT PREVIEW
April 2001
This is preliminary information on a new product now in development. Details are subject to change without notice.
M34A02
2 Kbit Serial SMBus EEPROM for ACR Card Configuration
s
Two Wire SMBus Serial Interface
s
2.7V to 3.6V Single Supply Voltage
s
Hardware Write Control
s
BYTE and PAGE WRITE (up to 16 Bytes)
s
RANDOM and SEQUENTIAL READ Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Behavior
s
More than 1 Million Erase/Write Cycles
s
More than 40 Year Data Retention
DESCRIPTION
These
electrically
erasable
programmable
memory (EEPROM) devices are organized as
256x8 bits, and operate down to 2.7 V.
These devices are available in Plastic Small
Outline and Thin Shrink Small Outline packages.
These devices are written by the ACR card-issuer,
and
then accessed
in
Read
mode in
the
application, using the ACR Serial Bus protocol.
This is a two wire serial interface that uses a bi-
directional data bus and serial clock. The device
carries a built-in 4-bit Device Type Identifier code
(1011).
The device behaves as a slave in the ACR Serial
Bus
protocol,
with
all
memory
operations
synchronized by the serial clock. Read and Write
operations are initiated by a Start condition,
generated by the bus master. The Start condition
Figure 1. Logic Diagram
AI03794
SDA
VCC
M34A02
WC
SCL
VSS
3
E0-E2
Table 1. Signal Names
E0, E1, E2
Chip Enable
SDA
Serial Data
SCL
Serial Clock
WC
Write Control
VCC
Supply Voltage
VSS
Ground
SO8 (MN)
150 mil width
TSSOP8 (DW)
169 mil width
8
1
8
1


Similar Part No. - M34A02

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M34 VISHAY-M34 Datasheet
75Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
11-Aug-09
M34 VISHAY-M34 Datasheet
91Kb / 5P
Wet Tantalum Capacitors Surface Mount, Molded Case
28-Jul-11
logo
Gamewell-FCI by Honeywe...
M34-104 GAMEWELL-FCI-M34-104 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-110 GAMEWELL-FCI-M34-110 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
M34-111 GAMEWELL-FCI-M34-111 Datasheet
166Kb / 4P
Three-Fold Fire Alarm Boxes and Transmitters
More results

Similar Description - M34A02

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M2201 STMICROELECTRONICS-M2201 Datasheet
111Kb / 15P
2-Wires 1 Kbit x8 Serial EEPROM
Jul-1999
M34C02 STMICROELECTRONICS-M34C02 Datasheet
147Kb / 19P
2 Kbit Serial I²C Bus EEPROM For DIMM Serial Presence Detect
27-Dec-1999
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
8K 2.5V ACR SERIAL EEPROM
2001
logo
Catalyst Semiconductor
CAT34AC02 CATALYST-CAT34AC02 Datasheet
68Kb / 10P
2K-Bit SMBus EEPROM for ACR Card Configuration
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Microchip Technology
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
8K 2.5V ACR SERIAL EEPROM
2004
logo
ATMEL Corporation
AT24MAC402 ATMEL-AT24MAC402 Datasheet
1Mb / 28P
I2C-Compatible (2-wire) 2-Kbit Serial EEPROM
logo
STMicroelectronics
M24C08-X STMICROELECTRONICS-M24C08-X Datasheet
370Kb / 37P
8-Kbit, 4-Kbit, 2-Kbit, and 1-Kbit serial I²C bus EEPROM
27-Jul-2012
M24C04-BN6 STMICROELECTRONICS-M24C04-BN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
M24C04-WMN6 STMICROELECTRONICS-M24C04-WMN6 Datasheet
453Kb / 38P
16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
15-Apr-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com