Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet (PDF) - STMicroelectronics

STM32WB09XE Datasheet PDF - STMicroelectronics
Part # STM32WB09XE
Download  STM32WB09XE Download
File Size   1535.75 Kbytes
Page   73 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution

STM32WB09XE Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32WB09XE Datasheet PDF - STMicroelectronics

Part # STM32WB09XE
Download  STM32WB09XE Click to download

File Size   1535.75 Kbytes
Page   73 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution

STM32WB09XE Datasheet (HTML) - STMicroelectronics


STM32WB09XE Product details

Features
• Includes ST state-of-the-art patented technology
• Bluetooth® LE
– LE 2M
– LE Coded
– Extended Advertising
– LE Channel Classification
– Direction Finding
– LE Data Packet Length Extension
– LE Secure Connections
– Link Layer Privacy
– Periodic Advertising
– Periodic Advertising with Responses
– Advertising Coding selection
– Encrypted Advertising Data
– LE L2CAP Connection-Oriented Channel
– LE Power Control
– Enhanced Attribute Protocol
– Connection Subrating
– Isochronous Channels
– Qualified against Bluetooth® Core 5.4
• Radio
– RX sensitivity level: -97 dBm @ 1 Mbit/s, -104 dBm @ 125 Kbit/s (long
range)
– Programmable output power up to +8 dBm (at antenna connector)
– 128 physical connections
– Data rate supported: 2 Mbit/s, 1 Mbit/s, 500 Kbit/s and 125 Kbit/s
– Integrated balun
– Support for external PA and LNA
– BlueNRG core coprocessor (DMA based) for Bluetooth® LE time critical
operations
– 2.4 GHz proprietary radio driver
– Suitable for systems requiring compliance with the following radio
frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part
15, ARIB STD-T66
– Available integrated passive device (IPD) companion chip for optimized
matching and filtering
• Ultra-low power radio performance
– 12 nA in Shutdown mode (1.8 V)
– 0.9 μA in Deepstop mode (with external LSE, radio wakeup source and RAM retained, 1.8 V)
– 1.2 μA in Deepstop mode (with internal LSI, radio wakeup source and RAM retained, 1.8 V)
– 4.9 mA peak current in TX (@0 dBm, 3.3 V)
– 3.6 mA peak current in RX (@ sensitivity level, 3.3 V)
• High performance and ultra-low power 32-bit Arm® Cortex®-M0+ , running up to 64 MHz
• Dynamic current consumption: 14.47 μA/MHz
• Operating supply voltage: from 1.7 to 3.6 V
• -40 ºC to 105 ºC temperature range
• Supply and reset management
– High efficiency embedded SMPS step-down converter with intelligent bypass mode
– Ultra-low power power-on-reset (POR) and power-down-reset (PDR)
– Programmable voltage detector (PVD)
• Clock sources
– 64 MHz PLL
– Fail safe 32 MHz crystal oscillator with integrated trimming capacitors
– 32 kHz crystal oscillator
– Internal low-power 32 kHz RO
• On-chip non-volatile flash memory of 512 Kbytes with page protection against R/W
• On-chip RAM of 64 Kbytes and 4 Kbytes PKA RAM
• One-time-programmable (OTP) memory area of 1 Kbytes
• Embedded UART bootloader
• Ultra-low power modes with or without timer and RAM retention
• Quadrature decoder
• Enhanced security mechanisms such as:
– Flash read/write protection
– SWD disabling
– Secure bootloader
• Security features
– True random number generator (TRNG) compliant with NIST special publication 800-90B
– Hardware encryption AES maximum 128-bit security co-processor
– Hardware public key accelerator (PKA)
– Cryptographic algorithms: RSA, Diffie-Helman, ECC over GF(p)
– CRC calculation unit
– 64-bit unique ID
• System peripherals
– 1x DMA controller with 8 channels supporting ADC, SPI, I2C, USART, LPUART, Timers
– 1x SPI with I2S interface multiplexed
– 1x I2C (SMBus/PMBus)
– 1x LPUART (low power)
– 1x USART (ISO 7816 smartcard mode, IrDA, SPI master and modbus)
– 1x independent WDG
– 1x real time clock (RTC)
– 1x independent SysTick
– 1x 16-bit, four channels general purpose timer
– 2x 16-bit, two channels general purpose timer
– Infrared interface
• Up to 20 fast I/Os
– all of them with wakeup capability
– all of them retain state in low-power mode
– all of them 5 V tolerant
• Analog peripherals
– 12-bit ADC with 8 input channels, up to 16 bits with a down sampler
– Battery monitoring
– Analog watchdog
• Development support
– Serial wire debug (SWD)
– 4 breakpoints and two watchpoints
• All packages are ECOPACK2 compliant

Applications
• Industrial
• Home and industrial automation
• Asset tracking, ID location, real-time locating system
• Smart lighting
• Fitness,wellness and sports
• Healthcare, consumer medical
• Security/proximity
• Remote control
• Assisted living
• Mobile phone peripherals
• PC peripherals




Similar Part No. - STM32WB09XE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB STMICROELECTRONICS-STM32WB Datasheet
1Mb / 23P
MCUwith built-in bluetooth5.0 and IEEE 802.15.4
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB10CCU5 STMICROELECTRONICS-STM32WB10CCU5 Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
09-Jun-2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32WB15CCU6U STMICROELECTRONICS-STM32WB15CCU6U Datasheet
1Mb / 6P
STM32WB Nucleo-64 boards
12-Jan-2021
More results


Similar Description - STM32WB09XE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
STMicroelectronics
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com