Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 6 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 2Page - STMicroelectronics STM32WB09XE Datasheet HTML 3Page - STMicroelectronics STM32WB09XE Datasheet HTML 4Page - STMicroelectronics STM32WB09XE Datasheet HTML 5Page - STMicroelectronics STM32WB09XE Datasheet HTML 6Page - STMicroelectronics STM32WB09XE Datasheet HTML 7Page - STMicroelectronics STM32WB09XE Datasheet HTML 8Page - STMicroelectronics STM32WB09XE Datasheet HTML 9Page - STMicroelectronics STM32WB09XE Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 73 page
background image
Feature
STM32WB09KE
STM32WB09TE
Communication interfaces
SPI
1 with I2S feature
I2C
1
USART
1
LPUART
1
RTC
Yes
Wake-up pins
20
GPIOs
20
12-bit ADC
1 (8 channels)
True random number generator
Yes
AES
Yes
Public key accelerator (PKA)
Yes
Maximum CPU frequency
64 MHz
Operating temperature
-40 ºC to 105 ºC temperature range
Operating voltage
1.7 to 3.6 V
Package
VFQFPN32
WLCSP36
Figure 1. STM3WB09xE block diagram
Cortex-M0+
NVIC
DMA (8 ch)
DMAMUX
256 kB Flash
SRAM0
SRAM1
SRAM2
SRAM3
MR_BLE
GPIO0
GPIO1
PKA + RAM
RNG
PWRC
RCC
CRC
SPI1
SPI2/I2S2
SPI3/I2S3
USART
LPUART
I2C1
I2C2
APB
Power supply/POR/
PDR /PVD
LSE
32 kHz
LSI
32 kHz
HSE
32 MHz
RC64MPLL
TIM1
RTC
IWDG
ADC
SYSCFG
Cortex-M0+
NVIC
DMA (8 ch)
DMAMUX
256 kB Flash
SRAM0
SRAM1
SRAM2
SRAM3
MR_BLE
GPIO0
GPIO1
PKA + RAM
RNG
PWRC
RCC
CRC
SPI1
SPI2/I2S2
SPI3/I2S3
USART
LPUART
I2C1
I2C2
APB
Power supply/POR/
PDR /PVD
LSE
32 kHz
LSI
32 kHz
HSE
32 MHz
RC64MPLL
TIM1
RTC
IWDG
ADC
SYSCFG
Cortex-M0+
NVIC
DMA (8 ch)
DMAMUX
256 kB Flash
SRAM0
SRAM1
SRAM2
SRAM3
MR_BLE
GPIO0
GPIO1
PKA + RAM
RNG
PWRC
RCC
CRC
SPI1
SPI2/I2S2
SPI3/I2S3
USART
LPUART
I2C1
I2C2
APB
Power supply/POR/
PDR /PVD
LSE
32 kHz
LSI
32 kHz
HSE
32 MHz
RC64MPLL
TIM1
RTC
IWDG
ADC
SYSCFG
Cortex®-M0+
NVIC
DMA (8 ch)
DMAMUX
512 KBytes flash
SRAM0
SRAM1
SRAM2
SRAM3
MR_BLE
GPIOA
GPIOB
PKA + RAM
RNG
PWRC
RCC
CRC
TIM16
TIM17
SPI3/I2S3
USART
LPUART
APB
Power supply/POR/
BOR/PVD
LSE
32 kHz
LSI
32 kHz
HSE
32 MHz
RC64MPLL
TIM2
RTC
IWDG
ADC
SYSCFG
I2C1
STM32WB09xE
Description
DS14210 - Rev 6
page 6/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com