Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 29 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 25Page - STMicroelectronics STM32WB09XE Datasheet HTML 26Page - STMicroelectronics STM32WB09XE Datasheet HTML 27Page - STMicroelectronics STM32WB09XE Datasheet HTML 28Page - STMicroelectronics STM32WB09XE Datasheet HTML 29Page - STMicroelectronics STM32WB09XE Datasheet HTML 30Page - STMicroelectronics STM32WB09XE Datasheet HTML 31Page - STMicroelectronics STM32WB09XE Datasheet HTML 32Page - STMicroelectronics STM32WB09XE Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 73 page
background image
Pin number
Pin name
(function after
reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
VFQFPN32
WLCSP36
27
B3
VFBSD
S
-
-
SMPS output
28
A4
VDDA_VCAP
S
-
-
1.2 Vdigital core
29
B5
RSTN
I/O
RST
-
Reset pin
30
H5
PB5
I/O
FT_a
LPUART_RX, TIM2_CH2,
TIM17_BK,
RADIO_ANTENNA_ID[5]
PWR_WKUP5,
ADC_VINP3
31
F5
PB4
I/O
FT_a
LPUART_TX, TIM2_CH1,
TIM17_CH1N,
RADIO_ANTENNA_ID[4]
PWR_WKUP4,
ADC_VINM3
32
-
VDD1
S
-
-
1.7-3.6 battery voltage
input
-
B7
VSSA
S
-
-
Ground analog ADC
core
-
J3
VSSIO
S
-
-
Ground I/O
-
K4
VSSIFADC
S
-
-
Ground analog RF
-
J1
VSSSX
S
-
-
Ground analog RF
-
M4
VSSRFTRX
S
-
-
Ground analog RF
Exposed pad
-
GND
S
-
-
Ground
STM32WB09xE
Pinout, pin description and
alternate functions
DS14210 - Rev 6
page 29/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com