Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 28Page - STMicroelectronics STM32WB09XE Datasheet HTML 29Page - STMicroelectronics STM32WB09XE Datasheet HTML 30Page - STMicroelectronics STM32WB09XE Datasheet HTML 31Page - STMicroelectronics STM32WB09XE Datasheet HTML 32Page - STMicroelectronics STM32WB09XE Datasheet HTML 33Page - STMicroelectronics STM32WB09XE Datasheet HTML 34Page - STMicroelectronics STM32WB09XE Datasheet HTML 35Page - STMicroelectronics STM32WB09XE Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 73 page
background image
Figure 10. Application circuit: DC-DC converter, VFQFPN32 package
L2
C8
C9
L1
C7
C4
VDD
C17
C11
C13
C12
L3
L4
C14
C10
X2
XTAL_HS
X1
XTAL_LS
C15
C16
A1
C1
C2
C5
C6
VDD
PA8
9
PA9
10
PA10
11
PA11
12
VDD2
13
RF1
14
VDDRF
15
OSCOUT
16
VDD1
32
PB4
31
PB5
30
RSTN
29
VCAP
28
VFBSD
27
VSS
26
VLXSD
25
GND
33
U1
C3
VDD
VDD
STM32WB09xE
VFQFPN32
STM32WB09xE
Application circuits
DS14210 - Rev 6
page 32/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com