Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 17 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 13Page - STMicroelectronics STM32WB09XE Datasheet HTML 14Page - STMicroelectronics STM32WB09XE Datasheet HTML 15Page - STMicroelectronics STM32WB09XE Datasheet HTML 16Page - STMicroelectronics STM32WB09XE Datasheet HTML 17Page - STMicroelectronics STM32WB09XE Datasheet HTML 18Page - STMicroelectronics STM32WB09XE Datasheet HTML 19Page - STMicroelectronics STM32WB09XE Datasheet HTML 20Page - STMicroelectronics STM32WB09XE Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
Figure 6. Clock tree
/2
/4
/2
RCC_LCOSEL
/1, /2, .., /32
LSI RCO
32 KHz
0
1
/4
/2
0
1
0
1
0
1
0
1
0
1
RCC_LCO
LSE OSC
32 KHz
RCC_OSC32_OUT
RCC_OSC32_IN
OSC_OUT
OSC_IN
HSE OSC
32 MHz
SYSCLKPRE
/1, /2, .., /32
CLK_16MHz/512
CK_RTC,
CK_WDG,
CK_BLEWKUP
HSI RCO
+ PLL
64 MHz
HSESEL
SYSCLKDIV
SYSCLKDIV
SYSCLKPRE
/1, /2, .., /64
CLKSLOWSEL
HSISEL
CLK_TIM2,
CLK_TIM16,
CLK_TIM17
CLK_SYS
to CPU,
AHB0,
APB0,
APB1,
SRAM,
PKA
SMPSDIV
CLK_16MHz
HSESEL
CLK_SMPS
CLKANA_ADC
CLK_SMPS
CLK_SYS
HSE
HSI
CLK_16MHz/512
0
1
LPUCLKSEL
CLK_LPUART
LSE
CLKANA_ADC,
CLK_USART,
CLK_I2C,
CLK_BLE16,
CLK_FLASH,
CLK_PWR,
CLK_RNG
BLECLKDIV
CLKSYS_BLE
CLK_32MHz
HSESEL
CLK_BLE32,
CLKDIG_ADC
CLK_16MHz
CLK_SYS
SPI3I2SCLKSEL
CLK_SPI3/I2S
RCC_MCO
RCC_MCOSEL
0
1
It is possible to output some internal clocks on external pads:
•
The low speed clocks can be output on the RCC_LCO I/O
•
The high speed clocks can be output on the RCC_MCO I/O
This is possible by programming the associated I/O in the correct alternate function.
Most of the peripherals only use the system clock except:
•
I2C, USART: they use an always 16 MHz clock to have a fixed reference clock for baud rate management.
The goal is to allow the CPU to boost or slow down the system clock (depending on on-going activities)
without impacting a potential on-going serial interface transfer on external I/Os
•
LPUART: always uses a 16 MHz clock or LSE to have a fixed reference clock for baud rate management.
The goal is to allow the CPU to boost or slow down the system clock (depending on on-going activities)
without impacting a potential on-going serial interface transfer on external I/Os.
•
SPI: when using the I2S mode, the baud rate is managed through the always 16 MHz or always 32 MHz
clock or system clock (CLK_SYS) to reach higher baud rates. When running in other modes than the I2S,
the baud rate is managed by the system clock. This implies its baud rate is impacted by dynamic system
clock frequency changes.
•
TRNG: in parallel with the system clock, the TRNG uses an always 16 MHz clock to generate at a constant
frequency the random number whatever the system clock frequency
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 17/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com