Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 27 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics STM32WB09XE Datasheet HTML 25Page - STMicroelectronics STM32WB09XE Datasheet HTML 26Page - STMicroelectronics STM32WB09XE Datasheet HTML 27Page - STMicroelectronics STM32WB09XE Datasheet HTML 28Page - STMicroelectronics STM32WB09XE Datasheet HTML 29Page - STMicroelectronics STM32WB09XE Datasheet HTML 30Page - STMicroelectronics STM32WB09XE Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 73 page
background image
4.2
Pin description
Table 5. Legend/abbreviations used in the pinout table
Name
Abbreviation
Definition
Pin name
Unless otherwise specified in brackets below, the pin name and the pin function during and
after reset are the same as the actual pin name
Pin type
S
Supply pin
I
Input only pin
I/O
Input / output pin
I/O structure
FT
5 V tolerant I/O
TT
3.6 V tolerant I/O
RF
RF I/O
RST
Bidirectional reset pin with weak pull-up resistor
Options for TT or FT I/Os
_f(1).
I/O, Fm+ capable
_a(2).
I/O, with analog switch function supplied by IO
BOOSTER(3)
Notes
All I/Os are set as input pullup during and after reset, with the exception of the PA2
(DEBUG_SWDIO) and PA3 (DEBUG_SWCLK) pins which are set, respectively, as
alternate function pullup and alternate function pulldown. By default, all I/O pull-ups/pull-
downs are controlled by the PWR IP through the PWRC_PUCRx/PWRC_PDCRx registers.
Pin functions
Alternate
functions
Functions selected through GPIOx_AFR registers
Additional
functions
Functions directly selected/enabled through peripheral registers
1. The related I/O structures in Table 6. Pin description are: FT_f
2. The related I/O structures in Table 6. Pin description are: FT_a
3. IO BOOSTER block allows the good behavior of those switches to be guaranteed when the VBAT goes below 2.7 V. Refer
to the STM3WB09xE reference Manual (RM0491) for more details.
Table 6. Pin description
Pin number
Pin name
(function after
reset)
Pin
type
I/O
structure
Alternate functions
Additional functions
VFQFPN32
WLCSP36
1
C6
PB3
I/O
FT_a
USART_CTS, LPUART_TX,
SPI3_SCK, TIM2_CH4,
TIM17_CH1,
RADIO_ANTENNA_ID[3],
I2S3_SCK
ADC_VINP0,
PWR_WKUP3
2
D5
PB2
I/O
FT_a
USART_RTS_DE, TIM2_CH3,
TIM16_BK,
RADIO_ANTENNA_ID[2]
ADC_VINM0,
PWR_WKUP2
3
E6
PB1
I/O
FT_a
USART_CK, TIM2_ETR,
TIM16_CH1N,
RADIO_ANTENNA_ID[1]
ADC_VINP1,
PWR_WKUP1
4
D7
PB0
I/O
FT_a
USART_RX,
LPUART_RTS_DE,
TIM16_CH1,
RADIO_ANTENNA_ID[0]
ADC_VINM1,
PWR_WKUP0
STM32WB09xE
Pinout, pin description and
alternate functions
DS14210 - Rev 6
page 27/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com