Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 41 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 41 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 37Page - STMicroelectronics STM32WB09XE Datasheet HTML 38Page - STMicroelectronics STM32WB09XE Datasheet HTML 39Page - STMicroelectronics STM32WB09XE Datasheet HTML 40Page - STMicroelectronics STM32WB09XE Datasheet HTML 41Page - STMicroelectronics STM32WB09XE Datasheet HTML 42Page - STMicroelectronics STM32WB09XE Datasheet HTML 43Page - STMicroelectronics STM32WB09XE Datasheet HTML 44Page - STMicroelectronics STM32WB09XE Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
6.3.3
RF general characteristics
All performance data are referred to a 50 Ω antenna connector, via reference design.
Table 17. Bluetooth® LE RF general characteristics
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
FRANGE
Frequency range(1)
-
2400
-
2483.5
MHz
RFCH
RF channel center frequency(1)
-
2402
-
2480
PLLRES
RF channel spacing(1)
-
-
2
-
MHz
ΔF
Frequency deviation(1)
-
-
250
-
kHz
Δf1
Frequency deviation average(1)
-
450
-
550
kHz
CFdev
Center frequency deviation(1)
During the packet and including both
initial frequency offset and drift
-
-
±150
kHz
Δfa
Frequency deviation Δf2 (average) / Δf1
(average)(1)
-
0.80
-
-
-
Rgfsk
On-air data rate(1)
-
1
-
2
Mbit/s
STacc
Symbol time accuracy(1)
-
-
-
±50
ppm
MOD
Modulation scheme
-
GFSK
-
BT
Bandwidth-bit period product
-
-
0.5
-
-
Mindex
Modulation index(1)
-
0.45
0.5
0.55
-
PMAX
Maximum output
At antenna connector, VSMPS = 1.9 V,
LDO code
-
+8
-
dBm
PMIN
Minimum output
At antenna connector
-
-20
-
dBm
PRFC
RF power accuracy
@ 27 °C
-
±1.5
-
dB
All temperatures
-
±2.5
-
1. Tested according to Bluetooth® SIG radio frequency physical layer (RF PHY) test suite (not tested in production).
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 41/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com