Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 38 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 34Page - STMicroelectronics STM32WB09XE Datasheet HTML 35Page - STMicroelectronics STM32WB09XE Datasheet HTML 36Page - STMicroelectronics STM32WB09XE Datasheet HTML 37Page - STMicroelectronics STM32WB09XE Datasheet HTML 38Page - STMicroelectronics STM32WB09XE Datasheet HTML 39Page - STMicroelectronics STM32WB09XE Datasheet HTML 40Page - STMicroelectronics STM32WB09XE Datasheet HTML 41Page - STMicroelectronics STM32WB09XE Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 73 page
background image
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
CPU in WFI (64 MHz), all
peripherals off, clock source
PLL64
µA
1860
1582
CPU in WFI (32 MHz), all
peripherals off, clock source
PLL64
1587
1436
CPU in WFI (16 MHz), all
peripherals off, clock source
PLL64
1014
1123
CPU in WFI (16 MHz), all
peripherals off, clock source
Direct HSE
1447
1360
Radio RX at sensitivity level
6862
3693
Radio TX 0 dBm output power
8669
4916
Radio RX at sensitivity level with
CPU in WFI (32 MHz), clock
source Direct HSE
7878
4815
Radio TX 0 dBm output power
with CPU in WFI (32 MHz), clock
source Direct HSE
9683
6047
IDYNAMIC
Dynamic current
Computed value (CPU 64 MHz
Dhrystone - CPU 32 MHz
Dhrystone) / 32
26.63
14.47
µA/MHz
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 38/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com