Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 1 Page - STMicroelectronics

  STM32WB09XE Datasheet HTML 1Page - STMicroelectronics STM32WB09XE Datasheet HTML 2Page - STMicroelectronics STM32WB09XE Datasheet HTML 3Page - STMicroelectronics STM32WB09XE Datasheet HTML 4Page - STMicroelectronics STM32WB09XE Datasheet HTML 5Page - STMicroelectronics STM32WB09XE Datasheet HTML 6Page - STMicroelectronics STM32WB09XE Datasheet HTML 7Page - STMicroelectronics STM32WB09XE Datasheet HTML 8Page - STMicroelectronics STM32WB09XE Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 73 page
background image
Features
•
Includes ST state-of-the-art patented technology
•
Bluetooth® LE
–
LE 2M
–
LE Coded
–
Extended Advertising
–
LE Channel Classification
–
Direction Finding
–
LE Data Packet Length Extension
–
LE Secure Connections
–
Link Layer Privacy
–
Periodic Advertising
–
Periodic Advertising with Responses
–
Advertising Coding selection
–
Encrypted Advertising Data
–
LE L2CAP Connection-Oriented Channel
–
LE Power Control
–
Enhanced Attribute Protocol
–
Connection Subrating
–
Isochronous Channels
–
Qualified against Bluetooth® Core 5.4
•
Radio
–
RX sensitivity level: -97 dBm @ 1 Mbit/s, -104 dBm @ 125 Kbit/s (long
range)
–
Programmable output power up to +8 dBm (at antenna connector)
–
128 physical connections
–
Data rate supported: 2 Mbit/s, 1 Mbit/s, 500 Kbit/s and 125 Kbit/s
–
Integrated balun
–
Support for external PA and LNA
–
BlueNRG core coprocessor (DMA based) for Bluetooth® LE time critical
operations
–
2.4 GHz proprietary radio driver
–
Suitable for systems requiring compliance with the following radio
frequency regulations: ETSI EN 300 328, EN 300 440, FCC CFR47 part
15, ARIB STD-T66
–
Available integrated passive device (IPD) companion chip for optimized
matching and filtering
WLCSP36 (2.83 mm x 2.99 mm)
VFQFPN32 5x5 mm
Product summary
STM32WB09xE
STM32WB09KE
STM32WB09TE
Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0+ with
Bluetooth® LE and 2.4 GHz radio solution
STM32WB09xE
Datasheet
DS14210 - Rev 6 - March 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STM32WB09XE

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32WB STMICROELECTRONICS-STM32WB Datasheet
1Mb / 23P
MCUwith built-in bluetooth5.0 and IEEE 802.15.4
STM32WB10CC STMICROELECTRONICS-STM32WB10CC Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
June 2021
STM32WB10CCU5 STMICROELECTRONICS-STM32WB10CCU5 Datasheet
1Mb / 110P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
09-Jun-2021
STM32WB15CC STMICROELECTRONICS-STM32WB15CC Datasheet
2Mb / 127P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 radio solution
August 2021
STM32WB15CCU6U STMICROELECTRONICS-STM32WB15CCU6U Datasheet
1Mb / 6P
STM32WB Nucleo-64 boards
12-Jan-2021
More results

Similar Description - STM32WB09XE

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC84X NXP-LPC84X Datasheet
2Mb / 97P
32-bit Arm® Cortex®-M0 microcontroller;
Rev. 1.7-27 February 2018
logo
Nuvoton Technology Corp...
M0A21 NUVOTON-M0A21 Datasheet
8Mb / 212P
Arm® Cortex®-M 32-bit Microcontroller
M0A21 NUVOTON-M0A21_V01 Datasheet
8Mb / 212P
NuMicro® Family Arm® Cortex®-M0-based Microcontroller
Rev 1.02
M031BT NUVOTON-M031BT_V01 Datasheet
6Mb / 203P
NuMicro® Family Arm® Cortex-M0-based Microcontroller
Rev 2.01
logo
STMicroelectronics
STM32L010C6 STMICROELECTRONICS-STM32L010C6 Datasheet
2Mb / 89P
Value line ultra-low-power 32-bit MCU Arm®-based Cortex®-M0,32-Kbyte Flash memory, 8-Kbyte SRAM, 256-byte EEPROM, ADC
07-Aug-2019
logo
Nuvoton Technology Corp...
M480 NUVOTON-M480_V01 Datasheet
10Mb / 473P
Arm® Cortex®-M 32-bit Microcontroller
Rev 2.00
logo
STMicroelectronics
STM32WB55XX STMICROELECTRONICS-STM32WB55XX_V01 Datasheet
2Mb / 196P
Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.3 and 802.15.4 radio solution
12-Aug-2022
logo
Infineon Technologies A...
CYT3DL INFINEON-CYT3DL Datasheet
3Mb / 207P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M7 single
Rev. H 2023-03-03
CYT2CL INFINEON-CYT2CL Datasheet
1Mb / 174P
TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single
Rev. F 2022-10-20
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-WROOM-32E ESPRESSIF-ESP32-WROOM-32E Datasheet
1Mb / 33P
2.4 GHz WiFi Bluetooth® Bluetooth LE module
2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com