Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 17Page - STMicroelectronics STM32WB09XE Datasheet HTML 18Page - STMicroelectronics STM32WB09XE Datasheet HTML 19Page - STMicroelectronics STM32WB09XE Datasheet HTML 20Page - STMicroelectronics STM32WB09XE Datasheet HTML 21Page - STMicroelectronics STM32WB09XE Datasheet HTML 22Page - STMicroelectronics STM32WB09XE Datasheet HTML 23Page - STMicroelectronics STM32WB09XE Datasheet HTML 24Page - STMicroelectronics STM32WB09XE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 73 page
background image
•
Independent clock: a choice of independent clock sources allowing the I2C communication speed to be
independent from the PCLK reprogramming
•
Programmable analog and digital noise filters
•
1-byte buffer with DMA capability
3.20
Universal synchronous/asynchronous receiver transmitter (USART)
USART offers flexible full-duplex data exchange with external equipment requiring an industry standard NRZ
asynchronous serial data format. USART can communicate with a speed up to 2 Mbit/s. Furthermore, USART can
detect and automatically set its own baud rate, based on the reception of a single character.
USART peripheral supports:
•
Synchronous one-way communication
•
Half-duplex single wire communication
•
Local interconnection network (LIN) master/slave capability
•
Smart card mode, ISO 7816 compliant protocol
•
IrDA (infrared data association) SIR ENDEC specifications
•
Modem operations (CTS/RTS)
•
RS485 driver enable
•
Multiprocessor communications
•
SPI-like communication capability
High speed data communication is possible by using DMA (direct memory access) for multibuffer configuration.
3.21
Low-power universal asynchronous receiver transmitter (LPUART)
The device embeds one low-power UART, enabling asynchronous serial communication with minimum power
consumption. The LPUART supports half duplex single wire communication and modem operations (CTS/RTS),
allowing multiprocessor communication.
The LPUART has a clock domain independent from the CPU clock, and can wakeup the system from Deepstop
mode using baud rates up to 9600 baud. The wakeup events from Stop mode are programmable and can be:
•
Start bit detection
•
Any received data frame
•
A specific programmed data frame
Only a 32.768 kHz clock (LSE) is needed to allow LPUART communication up to 9600 baud. Therefore, even in
Deepstop mode, the LPUART can wait for an incoming frame while having an extremely low energy consumption.
Higher speed clock can be used to reach higher baud rates in Run mode.
The LPUART interfaces can be served by the DMA controller.
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 21/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com