Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 16 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 12Page - STMicroelectronics STM32WB09XE Datasheet HTML 13Page - STMicroelectronics STM32WB09XE Datasheet HTML 14Page - STMicroelectronics STM32WB09XE Datasheet HTML 15Page - STMicroelectronics STM32WB09XE Datasheet HTML 16Page - STMicroelectronics STM32WB09XE Datasheet HTML 17Page - STMicroelectronics STM32WB09XE Datasheet HTML 18Page - STMicroelectronics STM32WB09XE Datasheet HTML 19Page - STMicroelectronics STM32WB09XE Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 73 page
background image
•
All GPIOs can wake up the system
At wakeup, all the hardware resources located in the digital power domain that are OFF during Deepstop mode,
are reset. The CPU reboots. The wakeup reason is visible in the register of the power controller.
3.10.3
Shutdown mode
The Shutdown mode is the least power consuming mode.
The conditions to enter Shutdown mode are the same conditions needed to enter Deepstop mode except that the
LPMS bit of the power controller unit is 1.
In Shutdown mode, the STM3WB09xE is in ultra-low power consumption: all voltage regulators, clocks and the
RF interface are not powered. The STM3WB09xE can enter shutdown mode by internal software sequence. The
only way to exit shutdown mode is by asserting and deasserting the RSTN pin or through a configurable pulse on
PB0 pin.
In Shutdown mode:
•
The system is powered down as both the regulators are OFF
•
The VDDIO power domain is ON
•
All the clocks are OFF, LSI and LSE are OFF
•
The I/Os pull-up and pull-down can be controlled during Shutdown mode, depending on the software
configuration
•
The only wakeup source is a low pulse on the RSTN pin or a configurable pulse on PB0 pin
•
The exit from Shutdown is similar to a POR startup. The PDR feature can be enabled or disabled during
Shutdown
3.11
Clock management
Three different clock sources may be used to drive the system clock of the STM3WB09xE:
•
HSI: high speed internal 64 MHz RC oscillator
•
PLL64M: 64 MHz PLL clock
•
HSE: high speed 32 MHz external crystal
The STM3WB09xE has also a low-speed clock tree used by some timers in the radio, RTC, IWDG and LPUART.
Three different clock sources can be used for this low-speed clock tree:
•
Low-speed internal (LSI): low-speed and low drift internal RC with a fixed frequency between 24 kHz and
49 kHz depending on the sample
•
Low-speed external (LSE) from:
–
An external crystal 32.768 kHz
–
A single-ended 32.738 kHz input signal
•
A 32 kHz clock obtained by dividing HSI or HSE. In this case, the slow clock is not available in Deepstop
low-power mode
By default, after a system reset, all low-speed sources are OFF.
Both the activation and the selection of the slow clock are relevant during the Deepstop mode and at wakeup as
slow clock generates a clock for the timers involved in wakeup event generation.
The HSI and the PLL64M clocks are provided by the same analog block called RC64MPLL. The 64 MHz clock
output by this block can be:
•
A non-accurate clock when no external XO provides an input clock to this block (HSI)
•
An accurate clock when the external XO provides the 32 MHz and once its internal PLL is locked (PLL64M)
After reset, the CLK_SYS is divided by four to provide a 16 MHz to the whole system (CPU, DMA, memories and
peripherals).
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 16/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com