Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 44Page - STMicroelectronics STM32WB09XE Datasheet HTML 45Page - STMicroelectronics STM32WB09XE Datasheet HTML 46Page - STMicroelectronics STM32WB09XE Datasheet HTML 47Page - STMicroelectronics STM32WB09XE Datasheet HTML 48Page - STMicroelectronics STM32WB09XE Datasheet HTML 49Page - STMicroelectronics STM32WB09XE Datasheet HTML 50Page - STMicroelectronics STM32WB09XE Datasheet HTML 51Page - STMicroelectronics STM32WB09XE Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 73 page
background image
Symbol
Parameter
Conditions
Typ.
Unit
25 °C
85 °C
105 °C
IDD(Deepstop)
Supply current in Deepstop(2)
Clock source LSE
nA
1023
5547
12929
Clock source LSE
RTC ON
1090
5682
13007
Clock source LSE
IWDG ON
1043
5599
13003
Clock source LSE.
LPUART ON
1128
5682
13035
Clock source LSE
RTC, LPUART and IWDG ON
1212
5816
13160
IDD(Shutdown)
Supply current in Shutdown
SMPS ON
20
279
871
IDD(RST)
Current under reset condition
-
956
1073
1160
µA
1. The CPU executes a "while(1)" loop
2. The current consumption in Deepstop is measured considering the entire SRAM retained.
3. LPUART not functional in deepstop mode with LSI (only LSE)
6.3.8
Wakeup time from low-power modes
The wakeup times reported are the latency between the event and the execution of the instruction. The device
goes to low-power mode after WFI (wait for interrupt) instructions.
Table 27. Low-power mode wakeup timing
Symbol
Parameter
Conditions
Typ. Unit
TWUDEEPSTOP Wakeup time from Deepstop mode to Run mode Wakeup from GPIO VDD = 3.3 V flash memory 170
µs
6.3.9
High speed crystal requirements
The high speed external oscillator must be supplied with an external 32 MHz crystal that is specified for a 6 to 8
pF loading capacitor. The STM32WB09 includes internal programmable capacitances that can be used to tune
the crystal frequency in order to compensate the PCB parasitic one. These internal load capacitors are made by a
fixed one, in parallel with a 6-bit binary weighted capacitor bank. Thanks to low CL step size (LSB is typically 0.07
pF), very fine crystal tuning is possible. With a typical XTAL sensitivity of -14 ppm/pF, it is possible to trim a 32
MHz crystal, with a resolution of 1 ppm.
The requirements for the external 32 MHz crystal are reported in the table below.
Table 28. HSE crystal requirements
Symbol
Parameter
Conditions
Min. Typ. Max. Unit
fNOM
Oscillator frequency
-
-
32
-
MHz
fTOL
Frequency tolerance
Includes initial accuracy, stability over temperature,
aging and frequency pulling due to incorrect load
capacitance
-
-
±50
ppm
ESR
Equivalent series resistance
-
-
-
100
Ω
PD
Drive level
-
-
-
100
µW
CL
HSE crystal load capacitance
27 °C, GMCONF = 3
5 (1)
7(2) 9.2(3)
pF
CLstep
HSE crystal load capacitance LSB
value
27 °C, GMCONF = 3
XOTUNE code between 32 and 33
-
0.07
-
pF
1. XOTUNE programed at minimum code = 0
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 48/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com