Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 37 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 33Page - STMicroelectronics STM32WB09XE Datasheet HTML 34Page - STMicroelectronics STM32WB09XE Datasheet HTML 35Page - STMicroelectronics STM32WB09XE Datasheet HTML 36Page - STMicroelectronics STM32WB09XE Datasheet HTML 37Page - STMicroelectronics STM32WB09XE Datasheet HTML 38Page - STMicroelectronics STM32WB09XE Datasheet HTML 39Page - STMicroelectronics STM32WB09XE Datasheet HTML 40Page - STMicroelectronics STM32WB09XE Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
6.3
Operating conditions
6.3.1
General operating conditions
Table 13. General operating conditions
Symbol
Parameter
Conditions
Min.
Max.
Unit
fHCLK
Internal AHB clock frequency
-
1
64
MHz
fPCLK0
Internal APB0 clock
-
1
64
fPCLK1
Internal APB1 clock frequency
-
1
64
fPCLK2
Internal APB2 clock frequency
-
16
32
VDD
Standard operating voltage
-
1.7
3.6
V
VFBSMPS
SMPS feedback voltage
-
1.4
3.6
VDDRF
Minimum RF voltage
-
1.7
3.6
VIN
I/O input voltage
-
-0.3
VDD+0.3
PD
Power dissipation at TA=105 °C(1)
VFQFPN32 package
-
30
mW
TA
Ambient temperature
Maximum power dissipation
-40
105
°C
TJ
Junction temperature range
-
-40
105
-
1. TA cannot exceed the TJ max.
6.3.2
Summary of main performance
Table 14. Main performance SMPS ON
Symbol
Parameter
Test conditions
Typ.
VDD = 1.8 V
Typ.
VDD = 3.3 V
Unit
ICORE
Core current
consumption
Shutdown
12
25
nA
Deepstop, no timer, wakeup
GPIO, RAM0 retained
0.618
0.649
µA
Deepstop, no timer, wakeup
GPIO, all RAM retained
0.767
0.792
Deepstop (32 kHz LSI), RAM0
retained
1.103
1.197
Deepstop (32 kHz LSI), all RAMs
retained
1.245
1.344
Deepstop (32 kHz LSE), RAM0
retained
0.892
0.981
Deepstop (32 kHz LSE), all RAM
retained
0.978
1.074
CPU in Run (64 MHz).
Dhrystone, clock source PLL64
3850
2679
CPU in Run (32 MHz).
Dhrystone, clock source PLL64
2998
2216
CPU in RUN (16 MHz).
Dhrystone, clock source PLL64
2161
1759
CPU in RUN (16 MHz).
Dhrystone, clock source HSE
1726
1523
STM32WB09xE
Electrical characteristics
DS14210 - Rev 6
page 37/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com