Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WB09XE Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32WB09XE
Description  Ultra-low power wireless 32-bit MCU Arm®-based Cortex®-M0 with Bluetooth® LE and 2.4 GHz radio solution
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB09XE Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32WB09XE Datasheet HTML 8Page - STMicroelectronics STM32WB09XE Datasheet HTML 9Page - STMicroelectronics STM32WB09XE Datasheet HTML 10Page - STMicroelectronics STM32WB09XE Datasheet HTML 11Page - STMicroelectronics STM32WB09XE Datasheet HTML 12Page - STMicroelectronics STM32WB09XE Datasheet HTML 13Page - STMicroelectronics STM32WB09XE Datasheet HTML 14Page - STMicroelectronics STM32WB09XE Datasheet HTML 15Page - STMicroelectronics STM32WB09XE Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
3.8.2
Power supply schemes
The STM3WB09xE embeds three power domains:
•
VDD33 (VDDIO or VDD):
–
the voltage range is between 1.7 V and 3.6 V
–
it supplies a part of the I/O ring, the embedded regulators and the system analog peripherals as
power management block and embedded oscillators
•
VDD12o:
–
always-on digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is supplied at 1.0 V during low-power mode (Deepstop)
•
VDD12i:
–
interruptible digital power domain
–
this domain is generally supplied at 1.2 V during active phase of the device
–
this domain is shut down during low-power mode (Deepstop)
Figure 5. Power supply domain overview
SMPS
MLDO
LP-Reg
CPU
RF_FSM
BLE
Peripherals
RCCi
Interruptible domain
HSI
BLE_wakeup,
RTC, WDOG,
PWRCo,
RCCo
Always On
Domain
(VDD12O)
HSE, LSI, LSE
PDR, POR, PVD
PWRC 33,
RCC 33
V33 Domain
(VDDIO)
VDDIO
CMDNO
CMDNI
VREG PAD
VGATEN
VGATEP
RFLDOs
Analog
RF
VFBSD
VDD12I
VDD12O
(VDD12I)
VRF
3.8.3
Linear voltage regulators
The digital power supplies are provided by different regulators:
•
The main LDO (MLDO):
–
it provides 1.2 V from a 1.4-3.3 V input voltage
–
it supplies both VDD12i and VDD12o when the device is active
–
it is disabled during the low-power mode (Deepstop)
•
Low-power LDO (LPREG):
–
it stays enabled during both active and low-power phases
–
it provides 1.0 V voltage
–
it is not connected to the digital domain when the device is active
–
it is connected to the VDD12o domain during low-power mode (Deepstop)
•
A dedicated LDO (RFLDO) to provide a 1.2 V to the analog RF block
An embedded SMPS step-down converter is available (inserted between the external power and the LDOs).
STM32WB09xE
Functional overview
DS14210 - Rev 6
page 12/73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com