Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet (PDF) - STMicroelectronics

M7040N Datasheet PDF - STMicroelectronics
Part # M7040N
Download  M7040N Download
File Size   1088.53 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE

M7040N Datasheet (PDF)

Go To PDF Page Download Datasheet
M7040N Datasheet PDF - STMicroelectronics

Part # M7040N
Download  M7040N Click to download

File Size   1088.53 Kbytes
Page   159 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE

M7040N Datasheet (HTML) - STMicroelectronics


M7040N Product details

DESCRIPTION
Overview
ST Microelectronics, Inc.’s M7040N Search Engine incorporates patent-pending Associative Processing Technology™ (APT) and is designed to be a high-performance, pipelined, synchronous, 64K-entry network database search engine. The M7040N database entry size can be 72 bits, 144 bits, or 288 bits. In the 72-bit entry mode, the size of the database is 64K entries. In the 144-bit mode, the size of the database is 32K entries, and in the 288-bit mode, the size of the database is 16K entries. The M7040N is configurable to support multiple databases with different entry sizes. The 36-bit entry table can be implemented using the Global Mask Registers (GMRs) building-database size of 128K entries with a single device.

FEATURES SUMMARY
■ 64K DATA ENTRIES IN 72-BIT MODE
■ TABLE MAY BE PARTITIONED INTO UP TO EIGHT (8) OCTANTS (Data entry width in each octant is configurable as 36, 72, 144, or 288 bits.)
■ UP TO 100 MILLION SUSTAINED SEARCHES PER SECOND IN 72-BIT and 144-BIT CONFIGURATIONS
■ UP TO 50 MILLION SEARCHES PER SECOND IN 36-BIT and 288-BIT CONFIGURATIONS
■ SEARCHES ANY SUB-FIELD IN A SINGLE CYCLE
■ OFFERS BIT-BY-BIT and GLOBAL MASKING
■ SYNCHRONOUS, PIPELINED OPERATION
■ UP TO 31 SEARCH ENGINES CASCADABLE WITHOUT PERFORMANCE DEGRADATION
■ WHEN CASCADED, THE DATABASE ENTRIES CAN SCALE FROM 496K TO 3968K DEPENDING ON THE WIDTH OF THE ENTRY
■ GLUELESS INTERFACE TO INDUSTRYSTANDARD SRAMS
■ SIMPLE HARDWARE INSTRUCTION INTERFACE
■ IEEE 1149.1 TEST ACCESS PORT
■ OPERATING SUPPLY VOLTAGES INCLUDE:
    VDD (Operating Core Supply Voltage) = 1.5V for 66 and 83MSPS; 1.65V for 100MSPS
    VDDQ (Operating Supply Voltage for I/O) = 2.5 or 3.3V
■ 388 PBGA, 35mm x 35mm




Similar Part No. - M7040N

ManufacturerPart #DatasheetDescription
logo
Enercon Technologies Eu...
M7049-103 ENERCON-M7049-103 Datasheet
1Mb / 14P
28Vdc output, 750W Switching-regulator Module for Permanent Magnet Generator (PMG) applications.
Sep 5, 2021
More results


Similar Description - M7040N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7010R STMICROELECTRONICS-M7010R Datasheet
449Kb / 67P
16K x 68-bit Entry NETWORK SEARCH ENGINE
23-Jul-2002
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
32K x 68-bit Entry NETWORK SEARCH ENGINE
14-Nov-2001
logo
Integrated Device Techn...
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 128K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
Network Search Engine 256K x 72 Entries
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
NETWORK SEARCH ENGINE 64K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com