Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 6 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 2Page - STMicroelectronics M7040N Datasheet HTML 3Page - STMicroelectronics M7040N Datasheet HTML 4Page - STMicroelectronics M7040N Datasheet HTML 5Page - STMicroelectronics M7040N Datasheet HTML 6Page - STMicroelectronics M7040N Datasheet HTML 7Page - STMicroelectronics M7040N Datasheet HTML 8Page - STMicroelectronics M7040N Datasheet HTML 9Page - STMicroelectronics M7040N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 159 page
background image
M7040N
6/159
DEPTH-CASCADING . ...... ...... ....... ...... ....... ...... ....... ...... ...... ...124
Depth-Cascading Up to Eight Devices(One Block) ....... ...... ....... ...... ...... ...124
Depth-Cascading Up to 31 Devices (4 Blocks) .... ....... ...... ....... ...... ...... ...124
Depth-Cascading to Generate a “FULL” Signal.... ....... ...... ....... ...... ...... ...124
Depth-Cascading to Form a Single Block (Figure 93.) ..... ...... ....... ...... ...... ...125
Depth-Cascading Four Blocks (Figure 94.) . ...... ....... ...... ....... ...... ...... ... 126
“FULL” Generation in a Cascaded Table (Figure 95.) ...... ...... ....... ...... ...... ...127
SRAM ADDRESSING . ...... ...... ....... ...... ....... ...... ....... ...... ...... ... 128
Generating an SRAM Bus Address (Table 52.).... ....... ...... ....... ...... ...... ...128
SRAM PIO Access ...... ...... ....... ...... ....... ...... ....... ...... ...... ...128
SRAM READ with a Table of One Device ...... ....... ...... ....... ...... ...... ...128
SRAM READ Access for One Device (Figure 96.) . ....... ...... ....... ...... ...... ...129
SRAM READ with a Table of Up to Eight Devices ...... ...... ....... ...... ...... ...130
Table with Eight Devices(Figure 97.) ..... ...... ....... ...... ....... ...... ...... ...131
SRAM READ Through Device 0 in a Block of EightDevices (Figure 98.).... ...... ...... ...132
SRAM READ Timing for Device 7 in a Block of EightDevices (Figure 99.) . . ...... ...... ...133
SRAM READ with a Table of Up to 31 Devices .. ....... ...... ....... ...... ...... ...134
Table of 31 Devices Made of Four Blocks (Figure 100.) .... ...... ....... ...... ...... ...135
SRAM READ Through Device 0 in a Bank of 31 Devices (Device 0 Timing) (Figure 101.) . . ...136
SRAM READ Through Device 0 in a Bank of 31 Devices (Device 30 Timing) (Figure 102.) . ...137
SRAM WRITEwith a Table of One Device ...... ....... ...... ....... ...... ...... ...138
SRAM WRITEAccess for One Device (Figure 103.) ...... ...... ....... ...... ...... ...139
SRAM WRITEwith a Table of Up to Eight Devices...... ...... ....... ...... ...... ...140
Table with Eight Devices(Figure 104.) .... ...... ....... ...... ....... ...... ...... ... 141
SRAM WRITE Through Device 0 in a Block of Eight Devices (Figure 105.) . . ...... ...... ...142
SRAM WRITETiming for Device 7 in a Block ofEight Devices(Figure 106.). ...... ...... ... 143
SRAM WRITEwith Table(s) of Up to 31 Devices ....... ...... ....... ...... ...... ...144
Table of 31 Devices (Four Blocks) (Figure 107.) . . . ....... ...... ....... ...... ...... ...145
SRAM WRITE Through Device 0 in a Bank of 31 Devices (Device 0 Timing) (Figure 108.). . ...146
SRAM WRITE Through Device 0 in a Bank of 31 Devices (Device 30 Timing) (Figure 109.). ...147
JTAG (1149.1) TESTING .... ...... ....... ...... ....... ...... ....... ...... ...... ... 148
Supported Operations (Table 53.) . ....... ...... ....... ...... ....... ...... ...... ... 148
TAPDevice ID Register (Table 54.) ...... ...... ....... ...... ....... ...... ...... ...148
PART NUMBERING .. ...... ...... ....... ...... ....... ...... ....... ...... ...... ...149
PACKAGE MECHANICAL INFORMATION . . . ...... ....... ...... ....... ...... ...... ...150
APPENDIX... ....... ...... ...... ....... ...... ....... ...... ....... ...... ...... ...152
REVISION HISTORY. . ...... ...... ....... ...... ....... ...... ....... ...... ...... ...158



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com