Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 39 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 35Page - STMicroelectronics M7040N Datasheet HTML 36Page - STMicroelectronics M7040N Datasheet HTML 37Page - STMicroelectronics M7040N Datasheet HTML 38Page - STMicroelectronics M7040N Datasheet HTML 39Page - STMicroelectronics M7040N Datasheet HTML 40Page - STMicroelectronics M7040N Datasheet HTML 41Page - STMicroelectronics M7040N Datasheet HTML 42Page - STMicroelectronics M7040N Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 159 page
background image
39/159
M7040N
The logical 72-bit SEARCH operation is shown in
Figure 24, page 41. The entire table consisting of
72-bit entries is compared to a 72-bit word K (pre-
sented on the DQ Bus in both Cycles A and B of
the command) using the GMR and the local mask
bits. The effective GMR is the 72-bit word speci-
fied by theidentical valueinbothevenand odd
GMR pairs selected by the GMR Index in the com-
mand’s Cycle A. The 72-bit word K (presented on
the DQ Bus in both Cycles A and B of the com-
mand) is alsostoredinbotheven and oddcom-
parand register pairs selected by the Comparand
Register Index in the command’s CycleB. Inax72
configuration, only the even comparand register
can be subsequently used by the LEARN com-
mand. The word K (presented on the DQ Bus in
both Cycles A and B of the command) is compared
with each entry in the table starting at location “0.”
The first matching entry’s location address, “L,” is
the winning address that is driven as part of the
SRAM address on the SADR[23:0] lines (see
SRAM ADDRESSING, page 128).
The SEARCH command is a pipelined operation
and executes a SEARCH at half the rate of the fre-
quency of CLK2X for 72-bit searches in x72-con-
figured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 72-bit
SEARCH command cycle (two CLK2X cycles) is
shown in Table 26, page 41.
The latency of a SEARCH from command to
SRAM access cycle is 4 for a single device in the
table and TLSZ = 00. In addition, SSV and SSF
shift further to the right for different values of
HLAT, as specified in Table 27, page 41.
Figure 22. Hardware Diagram for a Table with One Device
DQ[71:0]
CMDV, CMD[10:0]
SSF, SSV
SRAM
BHI[2:0]
BHI[2:0]
LHO[1]
LHI
3210
M7040
LHO[0]
654
AI04677



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com