Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 64 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 64 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 60Page - STMicroelectronics M7040N Datasheet HTML 61Page - STMicroelectronics M7040N Datasheet HTML 62Page - STMicroelectronics M7040N Datasheet HTML 63Page - STMicroelectronics M7040N Datasheet HTML 64Page - STMicroelectronics M7040N Datasheet HTML 65Page - STMicroelectronics M7040N Datasheet HTML 66Page - STMicroelectronics M7040N Datasheet HTML 67Page - STMicroelectronics M7040N Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 159 page
background image
M7040N
64/159
Table 32. Latency of SEARCH from Instruction to SRAM Access Cycle
Table 33. Shift of SSF and SSV from SADR
144-bit Configuration with Single Device
The hardware diagram for this search subsystem
is shown in Figure 44.
Figure 45, page 66 shows the timing diagram for a
SEARCH command in the 144-bit-configured ta-
ble (CFG = 0101010101010101) consisting of a
single device for one set of parameters. This illus-
tration assumes that the host ASIC has pro-
grammed TLSZ to '00,' HLAT to '001,' LRAM to '1,'
and LDEV to '1.'
The following is the operation sequence for a sin-
gle 144-bit SEARCH command (refer to COM-
MAND CODES AND PARAMETERS, page 30).
– Cycle A: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') to
CMD[1:0] signals. {CMD[10],CMD[5:3]} signals
must be driven with the index to the GMR pair
for use in this SEARCH operation. CMD[8:6]
signals must be driven with the same bits that
will be driven on SADR[23:21] by this device if it
has a hit. DQ[71:0] must be driven with the 72-
bit data ([143:72]) to be compared against all
even locations. The CMD[2] signal must be driv-
en to logic '0.'
– Cycle B: The host ASIC continues to drive the
CMDV high and applies the command code of
SEARCH
command
('10')
on
CMD[1:0].
CMD[5:2] must be driven by the index of the
comparand register pair for storing the 144-bit
word presented on the DQ Bus during Cycles A
and B. CMD[8:6] signals must be driven with the
index of the SSR that will be used for storing the
address of the matching entry and Hit Flag (see
SEARCH-Successful
Registers
(SSR[0:7]),
page 24). The DQ[71:0] is driven with 72-bit
data ([71:0]), compared to all odd locations.
Note: For 144-bit searches, the host ASIC must
supply two distinct 72-bit data words on
DQ[71:0] during Cycles A and B. The even-
numbered GMR of the pair specified by the
GMR Index is used for masking the word in Cy-
cle A. The odd-numbered GMR of the pair spec-
ified by the GMR Index is used for masking the
word in Cycle B.
# of devices
Max Table Size
Latency in CLK Cycles
1 (TLSZ = 00)
64K x 72-bit
4
1–8 (TLSZ = 01)
512K x 72-bit
5
1–31 (TLSZ = 10)
1984K x 72-bit
6
HLAT
Number of CLK Cycles
000
0
001
1
010
2
011
3
100
4
101
5
110
6
111
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com