Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 29 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 25Page - STMicroelectronics M7040N Datasheet HTML 26Page - STMicroelectronics M7040N Datasheet HTML 27Page - STMicroelectronics M7040N Datasheet HTML 28Page - STMicroelectronics M7040N Datasheet HTML 29Page - STMicroelectronics M7040N Datasheet HTML 30Page - STMicroelectronics M7040N Datasheet HTML 31Page - STMicroelectronics M7040N Datasheet HTML 32Page - STMicroelectronics M7040N Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 159 page
background image
29/159
M7040N
Table 16. Bit Position Match
Figure 16. Multi-width Configuration Example
Figure 17. M7040N Data and Mask Array Addressing
G
M
S
D
Match
0
XXX
1
10
X
X
1
11001
11010
11100
11111
8 K
8 K
4 K
2 K
72
72
144
288
CFG = 10 10 01 01 11 11 00 00
8 K
8 K
72
72
4 K
144
2 K
288
AI04670
Inactive (low power)
CFG = 0000000000000000
CFG = 1010101010101010
71
0
0
1
2
3
65535
283
0
3
2
1
0
7
6
5
4
65532
65533
65534
65535
72
CFG = 0101010101010101
143
0
1
0
3
2
5
4
7
6
65534
65535
(72-bit Configuration)
(288-bit conf igurat ion)
(144-bit Configuration)
64 K
16K
32K
72
72
72
72
72
72
AI04671



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com