Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 35 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 31Page - STMicroelectronics M7040N Datasheet HTML 32Page - STMicroelectronics M7040N Datasheet HTML 33Page - STMicroelectronics M7040N Datasheet HTML 34Page - STMicroelectronics M7040N Datasheet HTML 35Page - STMicroelectronics M7040N Datasheet HTML 36Page - STMicroelectronics M7040N Datasheet HTML 37Page - STMicroelectronics M7040N Datasheet HTML 38Page - STMicroelectronics M7040N Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 159 page
background image
35/159
M7040N
Table 21. READ Address Format for Internal Registers
Table 22. READ Address Format for Data and Mask Arrays
WRITE COMMAND
TheWRITE canbea singlewrite of adata array,
mask array, register, or external SRAM location
(CMD[2] =
0). It can
be
a
burst WRITE
(CMD[2] = 1) using an internal auto-incrementing
address register (WBURADR) of the data array or
mask array locations. A single-location WRITE is a
three-cycle operation, shown in Figure 20, page
36. The burst WRITE adds one extra cycle for
each successive WRITE.
The WRITE operation sequence is as follows:
– Cycle 1A: The host ASIC applies the WRITE In-
struction on the CMD[1:0] (CMD[2] = 0), using
CMDV=1 and the address supplied on the DQ
Bus, as shown in Table 23, page 37. The host
ASIC also supplies the index to the global mask
register to mask the write to the data array or
mask array location in {CMD[10], CMD[5:3]}.
For SRAM WRITEs, the host ASIC must supply
the SADR[23:21] on CMD[8:6]. The host ASIC
sets CMD[9] to '0' for the normal WRITE.
– Cycle 1B: The host ASIC continues to apply the
WRITE
Instruction
to
the
CMD[1:0]
(CMD[2] = 0), using CMDV = 1 and the address
supplied on the DQ Bus. The host ASIC contin-
ues to supply the global mask register index to
mask the WRITE to the data or mask array loca-
tions in {CMD[10], CMD[5:3]}. The host ASIC
selects the device where ID[4:0] matches the
DQ[25:21] lines, or it selects all the devices
when DQ[25:21] = 11111.
– Cycle 2: The host ASIC drives the DQ[71:0]
with the data to be written to the data array,
mask array, external SRAM, or register location
of the selected device.
– Cycle 3: Idle cycle. At the termination of this cy-
cle, another operation can begin.
Note: The latency of the SRAM WRITE will be
different than the one described above (see
SRAM PIO Access, page 128).
The burst WRITE operation lasts for n + 2 CLK cy-
cles (where n signifies the number of accesses in
the burst as specified in the BLEN field of the
WBURREG register, please see Figure 21, page
37).
This operation assumes that the host ASIC has
programmed the WBURREG with the starting ad-
dress (ADR) and the length of transfer (BLEN) be-
fore initiating the burst write command (see Table
25, page 38 for format). The sequence is as fol-
lows:
– Cycle 1A: The host ASIC applies the WRITE In-
struction on the CMD[1:0] (CMD[2] = 1), using
CMDV = 1 and the address supplied on the DQ
Bus, as shown in Table 25, page 38. The host
ASIC also supplies the index to the global mask
register to mask the write to the data or mask ar-
ray locations in {CMD[10], CMD[5:3]}. The host
ASIC sets ASIC sets CMD[9] to '0' for the nor-
mal WRITE.
– Cycle 1B: The host ASIC continues to apply the
WRITE
Instruction
on
the
CMD[1:0]
(CMD[2] = 0), using CMDV = 1 and the address
supplied on the DQ Bus. The host ASIC contin-
ues to supply the global mask register index to
mask the WRITE to the data or mask array loca-
tions in {CMD[10], CMD[5:3]}. The host ASIC
selects the device where ID[4:0] matches the
DQ[25:21] lines, or it selects all the devices
when DQ[25:21] = 11111.
DQ[71:26]
DQ[25:21]
DQ[20:19]
DQ[18:7]
DQ[6:0]
Reserved
ID
11: Register
Reserved
Register Address
DQ[71:26]
DQ[25:21]
DQ[20:19]
DQ[18:16]
DQ[15:0]
Reserved
ID
00: Data Array
Reserved
Do not care. These 16 bits come from the internal
register (RBURADR) which increments for each
access.
Reserved
ID
01: Mask
Array
Reserved
Do not care. These 16 bits come from the internal
register (RBURADR) which increments for each
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com