Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 28 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 28 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 24Page - STMicroelectronics M7040N Datasheet HTML 25Page - STMicroelectronics M7040N Datasheet HTML 26Page - STMicroelectronics M7040N Datasheet HTML 27Page - STMicroelectronics M7040N Datasheet HTML 28Page - STMicroelectronics M7040N Datasheet HTML 29Page - STMicroelectronics M7040N Datasheet HTML 30Page - STMicroelectronics M7040N Datasheet HTML 31Page - STMicroelectronics M7040N Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 159 page
background image
M7040N
28/159
SEARCH ENGINE ARCHITECTURE
The M7040N consists of 64K x 72-bit storage cells
referred to as data bits. There is a mask cell corre-
sponding to each data cell. Figure 15 shows the
three organizations of the device based on the val-
ue of the CFG bits in the command register.
During a SEARCH operation, the search data bit
(S), data array bit (D), mask array bit (M) and the
global mask bit (G) are used in the following man-
ner to generate a match at that bit position (see
Table 16, page 29).
The entry with all matched bit positions results in a
successful search during a SEARCH operation.
In order for a successful search within a device to
make the device the local winner in the SEARCH
operation, all 72-bit positions must generate a
match for a 72-bit entry in 72-bit-configured quad-
rants, or all 144-bit positions must generate a
match for two consecutive even and odd 72-bit en-
tries in quadrants configured as 144 bits, or all
288-bit positions must generate a match for 4 con-
secutive entries aligned to 4 entry-page bound-
aries of 72-bit entries in quadrants configured as
288 bits.
An arbitration mechanism using a cascade bus de-
termines the global winning device among the lo-
cal winning devices in a SEARCH cycle. The
global winning device drives the SRAM Bus, SSV,
and the SSF signals. In case of a SEARCH failure,
the devices with the LDEV and LRAM bits set
drive(s) the SRAM Bus, SSF, and SSV signals
The M7040N device can be configured to contain
tables of different widths, even within the same
chip. Figure 16, page 29 shows a sample configu-
ration of different widths.
Data and Mask Addressing
Figure 17, page 29 shows the M7040N data array
and mask array addressing procedure.
Figure 15. M7040N Database Width Configuration
Data
Data
Masks
Masks
64 K
CFG = 0000000000000000
CFG = 0101010101010101
CFG = 1010101010101010
72
144
288
32 K
16 K
AI04669



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com