Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 75 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 75 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 71Page - STMicroelectronics M7040N Datasheet HTML 72Page - STMicroelectronics M7040N Datasheet HTML 73Page - STMicroelectronics M7040N Datasheet HTML 74Page - STMicroelectronics M7040N Datasheet HTML 75Page - STMicroelectronics M7040N Datasheet HTML 76Page - STMicroelectronics M7040N Datasheet HTML 77Page - STMicroelectronics M7040N Datasheet HTML 78Page - STMicroelectronics M7040N Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 159 page
background image
75/159
M7040N
The following is the sequence of operation for a
single 144-bit SEARCH command (see COM-
MAND CODES AND PARAMETERS, page 30).
– Cycle A: The host ASIC drives the CMDV high
and applies SEARCH command code ('10') on
CMD[1:0] signals. {CMD[10],CMD[5:3]} signals
must be driven with the index to the GMR pair
for use in this SEARCH operation. CMD[8:6]
signals must be driven with the bits that will be
driven on SADR[23:21] by this device if it has a
hit. DQ[71:0] must be driven with the 72-bit data
([143:72]) in order to be compared against all
even locations. The CMD[2] signal must be driv-
en to logic '0.'
– Cycle B: The host ASIC continues to drive the
CMDV high and to apply SEARCH command
code ('10') on CMD[1:0]. CMD[5:2] must be driv-
en by the index of the comparand register pair
for storing the 144-bit word presented on the DQ
Bus during Cycles A and B. CMD[8:6] signals
must be driven with the index of the SSR that
will be used for storing the address of the
matching entry and the Hit Flag (see SEARCH-
Successful Registers (SSR[0:7]), page 24). The
DQ[71:0] is driven with 72-bit data ([71:0]) to be
compared against all odd locations.
The logical 144-bit search operation is as shown in
Figure 54, page 78. The entire table of 31 devices
(consisting of 144-bit entries) is compared against
a 144-bit word K that is presented on the DQ Bus
in Cycles A and B of the command using the GMR
and local mask bits. The GMR is the 144-bit word
specified by the even and odd global mask pair se-
lected by the GMR Index in the command’s Cycle
A.
The 144-bit word K that is presented on the DQ
Bus inCycles A andB of thecommand is also
stored in the even and odd comparand registers
specified by the Comparand Register Index in the
command’s Cycle B. In x144 configurations, the
even and odd comparand registers can subse-
quently be used by the LEARN command in only
the first non-full device.
Note: The LEARN command is supported for only
one of the blocks consisting of up to eight devices
in a depth-cascaded table of more than one block.
The word K that is presented on the DQ Bus in Cy-
cles A and B of the command is compared with
each entry in the table starting at location “0.” The
first matching entry’s location address, “L,” is the
winning address that is driven as part of the SRAM
address on the SADR[23:0] lines (see SRAM AD-
DRESSING, page 128). The global winning device
will drive the bus in a specific cycle. On global miss
cycles thedevicewithLRAM = 1(thedefault driv-
ing device for the SRAM bus) and LDEV = 1 (the
default driving device for SSF and SSV signals)
will be the default driver for such missed cycles.
Note: During 144-bit searches of 144-bit-config-
ured tables, the search hit will always be at an
even address.
The SEARCH command is a pipelined operation.
It executes a search at half the rate of the frequen-
cy of CLK2X for 144-bit searches in x144-config-
ured tables. The latency of SADR, CE_L, ALE_L,
WE_L, SSV, and SSF from the 144-bit SEARCH
command cycle (two CLK2X cycles) is shown in
Table 40, page 90.
The latency of a search from command to the
SRAM access cycle is 6 for 1–31 devices in the ta-
ble and where TLSZ = 10. In addition, SSV and
SSF shift further to the right for different values of
HLAT, as specified in Table 41, page 90.
The 144-bit SEARCH operation is pipelined and
executes as follows:
– Four cycles from the SEARCH command, each
of the devices knows the outcome internal to it
for that operation.
– In the fifth cycle after the SEARCH command,
the devices in a block (being less than or equal
to eight devices resolving the winner within
them using the LHI[6:0] and LHO[1:0] signalling
mechanism) arbitrate for a winner amongst
them.
– In the sixth cycle after the SEARCH command,
the blocks (of devices) resolve the winning block
through the BHI[2:0] and BHO[2:0] signalling
mechanism. The winning device in the winning
block is the global winning device for a
SEARCH operation.
Table 39. Hit/Miss Assumption
Search Number
1
2
3
4
Block 0
Miss
Miss
Miss
Miss
Block 1
Miss
Miss
Hit
Miss
Block 2
Miss
Hit
Hit
Miss
Block 3
Hit
Hit
Miss
Miss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com