Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 9 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 5Page - STMicroelectronics M7040N Datasheet HTML 6Page - STMicroelectronics M7040N Datasheet HTML 7Page - STMicroelectronics M7040N Datasheet HTML 8Page - STMicroelectronics M7040N Datasheet HTML 9Page - STMicroelectronics M7040N Datasheet HTML 10Page - STMicroelectronics M7040N Datasheet HTML 11Page - STMicroelectronics M7040N Datasheet HTML 12Page - STMicroelectronics M7040N Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 159 page
background image
9/159
M7040N
Figure 3. Connections
SADR
8
SADR
13
SADR
11
SADR
14
SADR
17
SADR
20
SADR
10
SADR
19
SADR
18
SADR
21
SADR
22
CLK_
MODE
CLK1x/
CLK2x
SADR
23
SADR
15
SADR
5
SADR
6
SADR
7
SADR
9
SADR
12
SADR
16
SADR
2
SADR
1
SADR
3
SADR
0
SADR
4
NC1
NC2
FULL
EOT
ACK
NC3
NC5
NC6
NC4
LHI6
LHI5
LHI4
LHI1
LHI0
LHO0
LHO1
BHI0
BHO0
BHO1
BHO2
FULI0
FULO0
FULO1
FULI2
FULI1
FULI4
FULI3
FULI5
FULI6
BHI2
BHI1
LHI2
LHI3
NC7
NC8
VDDQ
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VSS
VSS
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDD
VDD
VDD
VDD
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDD
VDD
VDD
VDD
VDD
VDD
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDDQ
VDD
VDDQ
VDDQ
VDDQ
VDDQ
VDD
VDD
VDD
VDD
VDDQ
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VSS
VSS
VSS
VSS
VSS
VSS
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
VDD
CMD8
CMD7
CMD5
CMD2
CMD3
CMD1
CMD10
CMD6
CMD9
CMD4
CMD0
CMDV
DQ17
DQ15
DQ13
DQ11
DQ9
DQ1
DQ5
DQ7
DQ21
DQ27
DQ31
DQ33
DQ29
DQ25
DQ23
DQ19
DQ35
DQ37
DQ43
DQ53
DQ57
DQ61
DQ63
DQ67
DQ59
DQ55
DQ49
DQ45
DQ64
DQ62
DQ70
DQ60
DQ66
DQ58
DQ56
DQ52
DQ50
DQ48
DQ46
DQ44
DQ42
DQ38
DQ30
DQ36
DQ32
DQ34
DQ28
DQ20
DQ24
DQ22
DQ16
DQ18
DQ8
DQ0
DQ2
DQ4
DQ12
DQ10
DQ14
DQ6
DQ26
DQ40
DQ68
DQ54
DQ51
DQ41
DQ39
DQ47
DQ65
DQ71
DQ69
DQ3
TDO
TMS
TCK
TDI
ID0
ID2
ID3
ID1
ID4
TEST_
FM
TEST_
PB
HIGH_
SPEED
TEST
MULTI_
HIT
CLK
TUNE2
CLK
TUNE3
CLK
TUNE0
CLK
TUNE1
TEST_
CO
WE_L
OE_L
ALE_L
CE_L
PHS_L
CFG_L
SSF
SSV
RST_L
TRST_
L
AI04646
AF
AD
AE
AC
AB
AA
Y
W
V
U
T
R
P
N
L
M
K
J
H
G
F
E
D
C
B
A
AF
AD
AE
AC
AB
AA
Y
W
V
U
T
R
P
N
L
M
K
J
H
G
F
E
D
C
B
A
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com