Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 34 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 30Page - STMicroelectronics M7040N Datasheet HTML 31Page - STMicroelectronics M7040N Datasheet HTML 32Page - STMicroelectronics M7040N Datasheet HTML 33Page - STMicroelectronics M7040N Datasheet HTML 34Page - STMicroelectronics M7040N Datasheet HTML 35Page - STMicroelectronics M7040N Datasheet HTML 36Page - STMicroelectronics M7040N Datasheet HTML 37Page - STMicroelectronics M7040N Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 159 page
background image
M7040N
34/159
Table 19. READ Command Parameters
Table 20. Data and Mask Array, SRAM Read Address Format
Note: 1. “|” stands for Logical OR operation. “{}” stands for concatenation operator.
CMD Parameter
CMD[2]
Read Command
Description
0
Single Read
Reads a single location of the data array, mask array, external SRAM,
or device registers. All access information is applied on the DQ Bus.
1
Burst Read
Reads a block of locations from the data array or mask array as a
burst.
The internal register (RBURADR) specifies the starting address and
the length of the data transfer from the data array or mask array, and it
auto-increments the address for each access.
All other access information is applied on the DQ Bus.
Note: The device registers and external SRAM can only be read in
single-read mode.
DQ
[71:30]
DQ
[29]
DQ
[28:26]
DQ
[25:21]
DQ
[20:19]
DQ
[18:16]
DQ
[15:0]
Reserved
0: Direct
1: Indirect
Successful SEARCH
Register Index
(Applicable if DQ[29]
is indirect)
ID
00: Data
Array
Reserved
If DQ[29] is '0,' this field carries
address of data array location.
If DQ[29] is '1,' the successful
search register ID (SSRI)
specified on DQ[28:26] supplies
the address of the data array
location:
{SSR[15:2], SSR[1] | DQ[1],
SSR[0] | DQ[0]}
(1)
Reserved
0: Direct
1: Indirect
Successful SEARCH
Register Index
(Applicable if DQ[29]
is indirect)
ID
01: Mask
Array
Reserved
If DQ[29] is '0,' this field carries
address of mask array location.
If DQ[29] is '1,' the successful
search register ID (SSRI)
specified on DQ[28:26] supplies
the address of the mask array
location:
{SSR[15:2], SSR[1] | DQ[1],
SSR[0] | DQ[0]}(1)
Reserved
0: Direct
1: Indirect
Successful SEARCH
Register Index
(Applicable if DQ[29]
is indirect)
ID
10:
External
SRAM
Reserved
If DQ[29] is '0,' this field carries
address of SRAM location.
If DQ[29] is '1,' the successful
search register ID (SSRI)
specified on DQ[28:26] supplies
the address of the SRAM
location:
{SSR[15:2], SSR[1] | DQ[1],
SSR[0] | DQ[0]}(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com