Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 12 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 8Page - STMicroelectronics M7040N Datasheet HTML 9Page - STMicroelectronics M7040N Datasheet HTML 10Page - STMicroelectronics M7040N Datasheet HTML 11Page - STMicroelectronics M7040N Datasheet HTML 12Page - STMicroelectronics M7040N Datasheet HTML 13Page - STMicroelectronics M7040N Datasheet HTML 14Page - STMicroelectronics M7040N Datasheet HTML 15Page - STMicroelectronics M7040N Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 159 page
background image
M7040N
12/159
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 4. DC and AC Measurement Conditions
Note: 1. Maximum allowable applies to overshoot only (VDDQ is 3.3V supply).
2. Minimum allowable applies to undershoot only.
Sym
Parameter
Min
Max
Units
VDD
VDD Operating Supply Voltage
CLK1X = 83MHz
1.425
1.575
V
CLK1X = 100MHz
1.568
1.733
V
VDDQ VDDQ Voltage for I/O (3.3V)
3.1
3.5
V
VDDQ VDDQ Voltage for I/O (2.5V)
2.375
2.625
V
VDDQ VDDQ Voltage for I/O (1.8V)
1.7
1.9
V
tA
Ambient Operating Temperature
0
70
°C
Supply Voltage Tolerance
–5+5
%
Input Pulse Levels (VDDQ = 3.3V)
GND to 3.0
V
Input Pulse Levels (VDDQ = 2.5V)
GND to 2.5
V
Input Pulse Levels (VDDQ = 1.8V)
GND to 1.8
V
Input Rise and Fall Times at 0.3V and 2.7V (VDDQ = 3.3V)
≤ 2ns (see Figure 6,
page 13)
ns
Input Rise and Fall Times at 0.25V and 2.25V (VDDQ = 2.5V)
≤ 2ns (see Figure 6,
page 13)
ns
Input Timing Reference Levels (VDDQ = 3.3V)
1.5
V
Input Timing Reference Levels (VDDQ = 2.5V)
1.25
V
Input Timing Reference Levels (VDDQ = 1.8V)
0.9
V
Output Timing Reference Levels (VDDQ = 3.3V)
1.5
V
Output Timing Reference Levels (VDDQ = 2.5V)
1.25
V
Output Timing Reference Levels (VDDQ = 1.8V)
0.9
V
Output Load
(see Figure 5 and
Figure 7, page 13)
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com