Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 23 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 19Page - STMicroelectronics M7040N Datasheet HTML 20Page - STMicroelectronics M7040N Datasheet HTML 21Page - STMicroelectronics M7040N Datasheet HTML 22Page - STMicroelectronics M7040N Datasheet HTML 23Page - STMicroelectronics M7040N Datasheet HTML 24Page - STMicroelectronics M7040N Datasheet HTML 25Page - STMicroelectronics M7040N Datasheet HTML 26Page - STMicroelectronics M7040N Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 159 page
background image
23/159
M7040N
Comparand Registers
The device contains 32 72-bit comparand regis-
ters (16 pairs) dynamically selected in every
SEARCH operation to store the comparand pre-
sented on the DQ Bus. The LEARN command will
later use these registers when executed. The
M7040N stores the SEARCH command’sCycle A
comparand in the even-numbered register and the
Cycle B comparand in the odd-numbered register,
as shown in Figure 13.
Figure 13. Comparand Register Selection
During SEARCH and LEARN
Instructions
Mask Registers
The device contains 32 72-bit global mask regis-
ters (16 pairs) dynamically selected in every
SEARCH operation to select the search subfield.
The addressing of these registers is explained in
Figure 14. The four-bit GMR Index supplied on the
command (CMD) bus can apply 16 pairs of global
masks during the SEARCH and WRITE opera-
tions, as shown below.
Note: In 72-bit SEARCH and WRITE operations,
the host ASIC must program both the even and
odd mask registers with the same values.
Each mask bit in the GMRs is used during
SEARCH and WRITE operations. In SEARCH op-
erations, setting the mask bit to '1' enables com-
pares; setting the mask bit to '0' disables
compares (forced match) at the corresponding bit
position. In WRITE operations to the data or mask
array, setting the mask bit to '1' enables WRITEs;
setting the mask bit to '0' disables WRITEs at the
corresponding bit position.
Figure 14. Addressing the Global Masks
Register Array
143
0
72
72
1
0
3
2
5
4
7
6
30
31
0
15
1
Address
Index
AI04667
143
0
72
72
1
0
3
2
5
4
7
6
9
8
11
10
13
12
15
14
0
1
6
7
2
5
4
3
Address
Index
AI04668
SEARCH and WRITE Command
Global Mask Selection
16
18
20
22
24
26
28
17
19
21
23
25
27
29
30
31
8
9
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com