Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 5 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 5 Page - STMicroelectronics

  M7040N Datasheet HTML 1Page - STMicroelectronics M7040N Datasheet HTML 2Page - STMicroelectronics M7040N Datasheet HTML 3Page - STMicroelectronics M7040N Datasheet HTML 4Page - STMicroelectronics M7040N Datasheet HTML 5Page - STMicroelectronics M7040N Datasheet HTML 6Page - STMicroelectronics M7040N Datasheet HTML 7Page - STMicroelectronics M7040N Datasheet HTML 8Page - STMicroelectronics M7040N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 159 page
background image
5/159
M7040N
144-bit Search on Tables Configured as x144 Using Up to 31 M7040N Devices. ...... .... 74
Hit/Miss Assumption (Table 39.) . . ....... ...... ....... ...... ....... ...... ...... ....75
Hardware Diagram for a Table with 31 Devices (Figure 52.) ...... ....... ...... ...... ....76
Hardware Diagram for a Block ofUp to Eight Devices (Figure 53.) . ....... ...... ...... ....77
x144 Table with 31 Devices (Figure 54.) ... ...... ....... ...... ....... ...... ...... ....78
Timing Diagrams for x144 Using Up to 31 M7040N Devices ...... ....... ...... ...... ....79
Latency ofSEARCH from Instruction to SRAM Access Cycle, 144-bit (Table 40.)... ...... ....90
ShiftofSSF and SSV from SADR (Table 41.)..... ....... ...... ....... ...... ...... ....90
288-bit SEARCH on Tables Configured as x288 Using a Single M7040N Device ...... ....90
Hardware Diagram for a Table with One Device (Figure 66.) ...... ....... ...... ...... ....91
Timing Diagram for 288-bit SEARCH (One Device) (Figure 67.) ... ....... ...... ...... ....92
x288 Table with One Device (Figure 68.) . . ...... ....... ...... ....... ...... ...... ....93
Latency ofSEARCH from Cycles Cand D to SRAM Access Cycle (Table 42.) ..... ...... ....93
ShiftofSSF and SSV from SADR (Table 43.)..... ....... ...... ....... ...... ...... ....93
288-bit SEARCH on Tables x288-configured Using Up to Eight M7040N Devices ..... ....94
Hit/Miss Assumption (Table 44.) . . ....... ...... ....... ...... ....... ...... ...... ....95
Hardware Diagram for a Table with Eight Devices(Figure 69.) .... ....... ...... ...... ....96
x288 Table with Eight Devices(Figure 70.) . ...... ....... ...... ....... ...... ...... .... 97
Timing Diagrams for x288-configured Using Up to Eight M7040N Devices . . ...... ...... ....98
Latency ofSEARCH from Cycles Cand D to SRAM Access Cycle, 288-bit (Table 45.)..... ...101
ShiftofSSF and SSV from SADR (Table 46.)..... ....... ...... ....... ...... ...... ...101
288-bit Search on Tables Configured as x288 Using Up to 31 M7040N Devices. ...... ... 101
Hit/Miss Assumption (Table 47.) . . ....... ...... ....... ...... ....... ...... ...... ...103
Hardware Diagram for a Table with 31 Devices (Figure 74.) ...... ....... ...... ...... ...103
Hardware Diagram for a Block ofUp to Eight Devices (Figure 75.) . ....... ...... ...... ...104
x288 Table with 31 Devices (Figure 76.) ... ...... ....... ...... ....... ...... ...... ...105
Timing Diagrams for x288 Using Up to 31 M7040N Devices ...... ....... ...... ...... ...106
Latency ofSEARCH from Cycles Cand D to SRAM Access Cycle, 288-bit (Table 48.)..... ...117
ShiftofSSF and SSV from SADR (Table 49.)..... ....... ...... ....... ...... ...... ...117
MIXED SEARCHES. . . ...... ...... ....... ...... ....... ...... ....... ...... ...... ...117
Tables Configured with DifferentWidths Using an M7040N with CFG_L LOW ..... ...... ...117
Tables Configured to Different Widths using an M7040N with CFG_L HIGH. ...... ...... ... 117
Timing Diagram for Mixed SEARCH (One Device) (Figure 88.) .... ....... ...... ...... ...118
Multi-Width Configurations Example (Figure 89.) .. ....... ...... ....... ...... ...... ...119
Searches with CFG_L Set HIGH (Table 50.)...... ....... ...... ....... ...... ...... ...119
LRAM ANDLDEVDESCRIPTION ... ....... ...... ....... ...... ....... ...... ...... ... 119
LEARN COMMAND . . ...... ...... ....... ...... ....... ...... ....... ...... ...... ...120
Timing Diagram ofLEARN: TLSZ = 00 (Figure 90.) ....... ...... ....... ...... ...... ...121
Timing Diagram ofLEARN: TLSZ = 01 (Except on the LastDevice) (Figure 91.).... ...... ...122
Timing Diagram ofLEARN on Device 7:TLSZ = 01 (Figure 92.) ... ....... ...... ...... ...123
Latency ofSRAM WRITE Cycle from Second Cycle ofLEARN Instruction (Table 51.) ..... ...123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com