Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 17 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 13Page - STMicroelectronics M7040N Datasheet HTML 14Page - STMicroelectronics M7040N Datasheet HTML 15Page - STMicroelectronics M7040N Datasheet HTML 16Page - STMicroelectronics M7040N Datasheet HTML 17Page - STMicroelectronics M7040N Datasheet HTML 18Page - STMicroelectronics M7040N Datasheet HTML 19Page - STMicroelectronics M7040N Datasheet HTML 20Page - STMicroelectronics M7040N Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 159 page
background image
17/159
M7040N
Table 7. AC Timing Parameters with CLK2X
Note: 1. Valid for Ambient Operating Temperature: TA =0to70°C; VDD =1.5V.
2. Values are based on 50% signal levels.
3. Based on an AC load of CL = 30pF (see Figure 5, Figure 6, and Figure 7, page 13).
4. These parameters are sampled and not 100% tested, and are based on an AC load of 5pF.
Row
Sym
M7040N-
066
M7040N-
083
M7040N-
100
Unit
Description(1)
(VDDQ =
3.3V, 2.5V)
(VDDQ =
3.3V, 2.5V,
1.8V)
(VDDQ =
3.3V, 2.5V)
Min
Max
Min
Max
Min
Max
1
fCLOCK
40
133
40
166
40
200
MHz CLK2X frequency
2
tCLOK
0.5
0.5
0.5
ms
PLL lock time
3
tCKHI
3.0
2.4
2.0
ns
CLK2X high pulse(2)
4
tCKLO
3.0
2.4
2.0
ns
CLK2X low pulse(2)
5
tISCH
2.5
1.8
1.5
ns
Input Setup Time to CLK2X rising edge(2)
6
tIHCH
0.6
0.6
0.5
ns
Input Hold Time to CLK2X rising edge(2)
7
tICSCH
4.2
3.5
3.0
ns
Cascaded Input Setup Time to CLK2X rising
edge(2)
8
tICHCH
0.6
0.6
0.5
ns
Cascaded Input Hold Time to CLK2X rising edge(2)
9
tCKHOV
8.5
7.0
6.5
ns
Rising edge of CLK2X to LHO, FULO, BHO, FULL
valid(3)
10
tCKHDV
9.0
7.5
7.0
ns
Rising edge of CLK2X to DQ valid(3)
11
tCKHDZ
8.5
7.0
6.5
ns
Rising edge of CLK2X to DQ high-Z(4)
12
tCKHSV
9.0
7.5
7.0
ns
Rising edge of CLK2X to SRAM bus valid(3)
13
tCKHSHZ
6.5
6.0
5.5
ns
Rising edge of CLK2X to SRAM bus high-Z(4)
14
tCKHSLZ
7.0
6.5
6.0
ns
Rising edge of CLK2X to SRAM bus low-Z(4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com