Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 22 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 18Page - STMicroelectronics M7040N Datasheet HTML 19Page - STMicroelectronics M7040N Datasheet HTML 20Page - STMicroelectronics M7040N Datasheet HTML 21Page - STMicroelectronics M7040N Datasheet HTML 22Page - STMicroelectronics M7040N Datasheet HTML 23Page - STMicroelectronics M7040N Datasheet HTML 24Page - STMicroelectronics M7040N Datasheet HTML 25Page - STMicroelectronics M7040N Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 159 page
background image
M7040N
22/159
Figure 12. Clocks for All Timing Diagrams
PLL USAGE
When the device first powers up, it takes 0.5 ms to
lock the internal phase-lock loop (PLL). During this
locking of the PLL, in addition to 32 extra CLK1X
cycles in CLK1X mode and 64 extra cycles in
CLK2X mode, the RST_L must be held low for
proper initialization of the device. Setup and hold
requirements will change in CLK1X mode if the
duty cycle of the CLK1X is varied. All signals into
the device in CLK1X mode are sampled by a clock
that is generated by multiplying CLK1X by two.
Since PLL has a locking range, the device will only
work between the range of frequencies specified
in the timing specification section.
REGISTERS
All registers in the M7040N are 72 bits wide. The
M7040N contains 16 pairs of comparand storage
registers, 16 pairs of global mask registers
(GMRs), eight search successful index registers
and one each of command, information, burst
READ, burst WRITE, and next-free address regis-
ters. Table 9 provides an overview of all the
M7040N registers. The registers are ordered in as-
cending address order. Each register group is then
described in the following subsections.
Table 9. Register Overview
CLK2X
PHS_L
CLK1X
AI04666
(Use for CLK1X MODE)
(Use for CLK1X MODE)
Address
Abbreviation
Type
Name
0–31
COMP0–31
R
32 Comparand Registers. Stores comparands from the DQ Bus for
learning later.
32–47, 96–111
MASKS
RW
16 Global Mask Registers Pairs.
48–55
SSR0–7
R
8 SEARCH Successful Index Registers.
56
COMMAND
RW
Command Register.
57
INFO
R
Information Register.
58
RBURREG
RW
Burst Read Register.
59
WBURREG
RW
Burst Write Register.
60
NFA
R
Next Free Address Register.
61–63
––
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com