Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7040N Datasheet(PDF) 27 Page - STMicroelectronics

Part # M7040N
Description  64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7040N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M7040N Datasheet HTML 23Page - STMicroelectronics M7040N Datasheet HTML 24Page - STMicroelectronics M7040N Datasheet HTML 25Page - STMicroelectronics M7040N Datasheet HTML 26Page - STMicroelectronics M7040N Datasheet HTML 27Page - STMicroelectronics M7040N Datasheet HTML 28Page - STMicroelectronics M7040N Datasheet HTML 29Page - STMicroelectronics M7040N Datasheet HTML 30Page - STMicroelectronics M7040N Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 159 page
background image
27/159
M7040N
The Read Burst Address Register (RBURREG)
These READ burst address register fields must be
programmed before burst read.
Table 13. Read Burst Register Description
The Write Burst Address Register (WBURREG)
These WRITE burst address register fields must
be programmed before burst write.
Table 14. Write Burst Register Description
The NFA Register
Bit [0] of each 72-bit data entry is a special bit des-
ignated for use in the operation of the LEARN
command. In 72-bit quadrants, the bit[0] indicates
whether a location is full (bit set to '1') or empty (bit
set to '0'). Every WRITE/LEARN command loads
the address of first 72-bit location that contains a
'0' in the entry’s bit[0]. This is stored in the NFA
register (see Table 15). If all the bits in a device are
set to '1,' the M7040N asserts FULO[1:0] to '1.'
In 144-bit-configured quadrants, the LSB of this
register is always set to '0.' The host ASIC must
set bit '0' and bit 72 in a 144-bit word to either '0' or
'1' to indicate full/empty status.
Note: Both bits (0 and 72) must be set to '0' or '1'
(e.g., '10' or '01' settings are invalid).
Table 15. NFA Register
Field
Range
Initial Value
Description
ADR
[15:0]
0
Address. This is the starting address of the data array or mask array
during a burst READ operation. It automatically increments by 1 for
each successive read of the data array or mask array. Once the
operation is complete, the contents of this field must be reinitialized
for the next operation.
[18:16]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device is capable of writing from 4 up
to 511 locations in a single burst. The BLEN decrements
automatically. Once the operation is complete, the contents of this
field must be reinitialized for the next operation.
[71:28]
Reserved.
Field
Range
Initial Value
Description
ADR
[15:0]
0
Address. This is the starting address of the data array or mask array
during a burst WRITE operation. It automatically increments by 1 for
each successive write of the data array or mask array. Once the
operation is complete, the contents of this field must be reinitialized for
the next operation.
[18:16]
Reserved.
BLEN
[27:19]
0
Length of Burst Access. The device is capable of writing from 4 up
to 511 locations in a single burst. The BLEN decrements
automatically. Once the operation is complete, the contents of this
field must be reinitialized for the next operation.
[71:28]
Reserved.
Address
71 - 16
15 - 0
60
Reserved
Index



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com