Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet (PDF) - STMicroelectronics

M7020R Datasheet PDF - STMicroelectronics
Part # M7020R
Download  M7020R Download
File Size   996.65 Kbytes
Page   150 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32K x 68-bit Entry NETWORK SEARCH ENGINE

M7020R Datasheet (PDF)

Go To PDF Page Download Datasheet
M7020R Datasheet PDF - STMicroelectronics

Part # M7020R
Download  M7020R Click to download

File Size   996.65 Kbytes
Page   150 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 32K x 68-bit Entry NETWORK SEARCH ENGINE

M7020R Datasheet (HTML) - STMicroelectronics


M7020R Product details

DESCRIPTION
Overview
ST Microelectronics, Inc.’s M7020R Search Engine incorporates patent-pending Associative Processing Technology™ (APT) and is designed to be a high-performance, pipelined, synchronous, 32K-entry network database search engine. The M7020R database entry size can be 68 bits, 136 bits, or 272 bits. In the 68-bit entry mode, the size of the database is 32K entries. In the 136-bit mode, the size of the database is 16K entries, and in the 272-bit mode, the size of the database is 8K entries. The M7020R is configurable to support multiple databases with different entry sizes. The 34-bit entry table can be implemented using the Global Mask Registers (GMRs) building-database size of 64K entries with a single device.

FEATURES SUMMARY
■ 32K DATA ENTRIES IN 68-BIT MODE
■ TABLE MAY BE PARTITIONED INTO UP TO FOUR (4) QUADRANTS (Data entry width in each octant is configurable as 34, 68, 136, or 272 bits.)
■ UP TO 83 MILLION SUSTAINED SEARCHES PER SECOND IN 68-BIT and 136-BIT CONFIGURATIONS
■ UP TO 41.5 MILLION SEARCHES PER SECOND IN 34-BIT and 272-BIT CONFIGURATIONS
■ SEARCHES ANY SUB-FIELD IN A SINGLE CYCLE
■ OFFERS BIT-BY-BIT and GLOBAL MASKING
■ SYNCHRONOUS, PIPELINED OPERATION
■ UP TO 31 SEARCH ENGINES CASCADABLE WITHOUT PERFORMANCE DEGRADATION
■ WHEN CASCADED, THE DATABASE ENTRIES CAN SCALE FROM 248K TO 1984K DEPENDING ON THE WIDTH OF THE ENTRY
■ GLUELESS INTERFACE TO INDUSTRY STANDARD SRAMS
■ SIMPLE HARDWARE INSTRUCTION INTERFACE
■ IEEE 1149.1 TEST ACCESS PORT
■ OPERATING SUPPLY VOLTAGES INCLUDE: VDD (Operating Supply Voltage) = 1.8V VDDQ (Operating Supply Voltage for I/O) = 2.5 or 3.3V
■ 272 PBGA, 27mm x 27mm




Similar Part No. - M7020R

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M702-230642 HARWIN-M702-230642 Datasheet
115Kb / 1P
IEEE 1394, PCB MOUNT SMT TYPE, METAL SHIELD, FEMALE
logo
Enercon Technologies Eu...
M7027 ENERCON-M7027 Datasheet
971Kb / 10P
M7027 SERIES
Jul 21, 2021
M7028 ENERCON-M7028 Datasheet
736Kb / 7P
M7028 SERIES DC/DC POWER SUPPLY
Nov 2, 2021
M7029 ENERCON-M7029 Datasheet
637Kb / 6P
M7029 SERIES DC/DC POWER SUPPLY
More results


Similar Description - M7020R

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M7010R STMICROELECTRONICS-M7010R Datasheet
449Kb / 67P
16K x 68-bit Entry NETWORK SEARCH ENGINE
23-Jul-2002
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
10-May-2002
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75K62100_0509 IDT-75K62100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
NETWORK SEARCH ENGINE 32K x 72 Entries
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com