Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 6 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 2Page - STMicroelectronics M7020R Datasheet HTML 3Page - STMicroelectronics M7020R Datasheet HTML 4Page - STMicroelectronics M7020R Datasheet HTML 5Page - STMicroelectronics M7020R Datasheet HTML 6Page - STMicroelectronics M7020R Datasheet HTML 7Page - STMicroelectronics M7020R Datasheet HTML 8Page - STMicroelectronics M7020R Datasheet HTML 9Page - STMicroelectronics M7020R Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 150 page
background image
M7020R
6/150
272-bit Search on Tables Configured as x272 Using Up to 31 M7020R Devices. . . . . . . . . . . 99
Hit/Miss Assumption (Table 46.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Hardware Diagram for a Table with 31 Devices (Figure 71.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 101
Hardware Diagram for a Block of Up to Eight Devices (Figure 72.) . . . . . . . . . . . . . . . . . . . . . . . 102
x272 Table with 31 Devices (Figure 73.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 103
Timing Diagrams for x272 Using Up to 31 M7020R Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
Each Device in Block Number 0 (Miss on Each Device) (Figure 74.) . . . . . . . . . . . . . . . . . . . 104
Each Device Above the Winning Device in Block Number 1 (Figure 75.) . . . . . . . . . . . . . . . . 105
Globally Winning Device in Block Number 1 (Figure 76.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 106
Devices Below the Winning Device in Block Number 1 (Figure 77.). . . . . . . . . . . . . . . . . . . . 107
Devices Above the Winning Device in Block Number 2 (Figure 78.) . . . . . . . . . . . . . . . . . . . 108
Globally Winning Device in Block Number 2 (Figure 79.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 109
Devices Below the Winning Device in Block Number 2 (Figure 80.). . . . . . . . . . . . . . . . . . . . 110
Devices Above the Winning Device in Block Number 3 (Figure 81.) . . . . . . . . . . . . . . . . . . . 111
Globally Winning Device in Block Number 3 (Figure 82.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 112
Devices Below the Winning Device in Block Number 3 (not Device 30 - Last Device) . . . . . . 113
Last Device in Block Number 3 (Device 30 in the Table) (Figure 84.) . . . . . . . . . . . . . . . . . . 114
Latency of SEARCH from Cycles C and D to SRAM Access Cycle, 272-bit, Up to 31 Devices . . 115
Shift of SSF and SSV from SADR (Table 48.). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
MIXED SEARCHES. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Tables Configured with Different Widths Using an M7020R . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
Timing Diagram for Mixed SEARCH for One Device (Figure 85.) . . . . . . . . . . . . . . . . . . . . . . . . . 116
Multi-Width Configurations Example (Figure 86.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
LRAM AND LDEV DESCRIPTION . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 117
LEARN COMMAND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 118
Timing Diagram of LEARN: TLSZ = 00 (Figure 87.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 119
Timing Diagram of LEARN: TLSZ = 01 (Except on the Last Device) (Figure 88.). . . . . . . . . . . . . 120
Timing Diagram of LEARN on Device 7: TLSZ = 01 (Figure 89.) . . . . . . . . . . . . . . . . . . . . . . . . . 121
Latency of SRAM WRITE Cycle from Second Cycle of LEARN Instruction (Table 49.) . . . . . . . . 121
DEPTH-CASCADING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Depth-Cascading Up to Eight Devices (One Block) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Depth-Cascading Up to 31 Devices (4 Blocks) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Depth-Cascading to Generate a “FULL” Signal. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
Depth-Cascading to Form a Single Block (Figure 90.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 123
Depth-Cascading Four Blocks (Figure 91.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 124
“FULL” Generation in a Cascaded Table (Figure 92.) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 125
SRAM ADDRESSING . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
SRAM PIO Access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com