Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 25 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 21Page - STMicroelectronics M7020R Datasheet HTML 22Page - STMicroelectronics M7020R Datasheet HTML 23Page - STMicroelectronics M7020R Datasheet HTML 24Page - STMicroelectronics M7020R Datasheet HTML 25Page - STMicroelectronics M7020R Datasheet HTML 26Page - STMicroelectronics M7020R Datasheet HTML 27Page - STMicroelectronics M7020R Datasheet HTML 28Page - STMicroelectronics M7020R Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 150 page
background image
25/150
M7020R
The Information Register
Table 11. Information Register Field Descriptions
Note: 1. This field may change in future versions.
CFG
[16:9]
0000
0000
Database Configuration. The device is internally divided into four
quadrants of 8K x 68, each of which can be configured as 8K x 68, 4K
x 136, or 2K x 272 as follows:
00: 8K x 68
01: 4K x 136
10: 2K x 272
11: Reserved
Bits [10:9] apply to configuring the 1st quadrant in the address space.
Bits [12:11] apply to configuring the 2nd quadrant in the address
space.
Bits [14:13] apply to configuring the 3rd quadrant in the address
space.
Bits [16:15] apply to configuring the 4th quadrant in the address
space.
[67:17]
0
Reserved.
Field
Range
Initial Value
Description
Field
Range
Initial Value
Description
Revision
[3:0]
0001(1)
Revision Number. This is the current device revision
number. Numbers start from one and increment by one
for each revision of the device.
Implementation
[6:4]
001
This is the M7020R implementation number.
Reserved
[7]
0
Reserved.
Device ID
[11:8]
0001 or 0010
This is the Device Identification Number.
Device ID
[12]
Reserved
Device ID
[15:13]
00000100
This is the Device Identification Number.
MFID
[31:16]
1101_1100_0111_1111
Manufacturer ID. This field is the same as the
manufacturer ID and continuation bits in the TAP
controller.
[67:32]
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com