Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 89 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 89 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 85Page - STMicroelectronics M7020R Datasheet HTML 86Page - STMicroelectronics M7020R Datasheet HTML 87Page - STMicroelectronics M7020R Datasheet HTML 88Page - STMicroelectronics M7020R Datasheet HTML 89Page - STMicroelectronics M7020R Datasheet HTML 90Page - STMicroelectronics M7020R Datasheet HTML 91Page - STMicroelectronics M7020R Datasheet HTML 92Page - STMicroelectronics M7020R Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 150 page
background image
89/150
M7020R
The logical 272-bit SEARCH operation is shown in
Figure 65, page 91. The entire table of 272-bit en-
tries is compared to a 272-bit word K that is pre-
sented on the DQ Bus in Cycles A, B, C, and D of
the command using the GMR and local mask bits.
The GMR is the 272-bit word specified by the two
pairs of GMRs selected by the GMR Indexes in the
command’s Cycles A and C. The 272-bit word K
that is presented on the DQ Bus in Cycles A, B, C,
and D of the command is compared with each en-
try in the table starting at location “0.” The first
matching entry’s location address, “L,” is the win-
ning address that is driven as part of the SRAM
address on SADR[21:0] lines (see SRAM AD-
DRESSING, page 126).
Note: The matching address is always going to be
location “0” in a four-entry page for a 272-bit
SEARCH (two LSBs of the matching index will be
'00').
The SEARCH command is a pipelined operation
and executes at one-fourth the rate of the frequen-
cy of CLK2X for 272-bit searches in x272-config-
ured tables. The latency of SADR, CE_L, ALE_L,
WE_L, SSV, and SSF from the 272-bit SEARCH
command (measured in CLK cycles) from the
CLK2X cycle that contains the C and D Cycles is
shown in Table 41, page 91.
The latency of a SEARCH from command to
SRAM access cycle is 4 for only a single device in
the table and TLSZ = 00. In addition, SSV and SSF
shift further to the right for different values of
HLAT, as specified in Table 42, page 91.
Figure 63. Hardware Diagram for a Table with One Device
DQ[67:0]
CMDV, CMD[8:0]
SSF, SSV
SRAM
BHI[2:0]
BHO[2:0]
LHO[1]
LHI
3210
M7020R
LHO[0]
654
AI05695



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com