Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 16 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 12Page - STMicroelectronics M7020R Datasheet HTML 13Page - STMicroelectronics M7020R Datasheet HTML 14Page - STMicroelectronics M7020R Datasheet HTML 15Page - STMicroelectronics M7020R Datasheet HTML 16Page - STMicroelectronics M7020R Datasheet HTML 17Page - STMicroelectronics M7020R Datasheet HTML 18Page - STMicroelectronics M7020R Datasheet HTML 19Page - STMicroelectronics M7020R Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 150 page
background image
M7020R
16/150
Figure 8. AC Timing Waveforms with CLK2X
Cycle
1
Cycle
0
Cycle
2
Cycle
3
Cycle
4
Cycle
5
Cycle
7
Cycle
6
Cycle
8
Cycle
10
Cycle
12
Cycle
9
Cycle
11
CLK2X
Signal
Group 0
Signal
Group 2
Signal
Group 3
Signal
Group 4
Signal
Group 5
CLK
AI04265
Signal Group 0: PHS_L, RST_L
Signal Group 1: DQ, CMD, CMDV
Signal Group 2: LHI, BHI, FULI
Signal Group 3: LHO, BHO, FULO, FULL
Signal Group 4: SADR, CE_L, OE_L, WE_L, ALE_L, SSF, SSV
Signal Group 5: DQ, ACK, EOT
tICSCH
tCKHOV
tCKHSV
tCKHSHZ
tCKHSLZ
tCKHOV
tIHCH
tISCH
tCKHDZ
tCKHDV
Signal
Group 1
tICHCH
tIHCH
tISCH
tISCH
tIHCH
tIHCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com