Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M7020R Datasheet(PDF) 40 Page - STMicroelectronics

Part # M7020R
Description  32K x 68-bit Entry NETWORK SEARCH ENGINE
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M7020R Datasheet(HTML) 40 Page - STMicroelectronics

Back Button M7020R Datasheet HTML 36Page - STMicroelectronics M7020R Datasheet HTML 37Page - STMicroelectronics M7020R Datasheet HTML 38Page - STMicroelectronics M7020R Datasheet HTML 39Page - STMicroelectronics M7020R Datasheet HTML 40Page - STMicroelectronics M7020R Datasheet HTML 41Page - STMicroelectronics M7020R Datasheet HTML 42Page - STMicroelectronics M7020R Datasheet HTML 43Page - STMicroelectronics M7020R Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 150 page
background image
M7020R
40/150
68-bit SEARCH on Tables Configured as x68 Using up to Eight M7020R Devices
The hardware diagram of the search subsystem of
eight devices is shown in Figure 22, page 41. The
following are the parameters programmed into the
eight devices:
– First seven devices (device 0–6):
CFG = 00000000, TLSZ = 01, HLAT = 010,
LRAM = 0, and LDEV = 0.
– Eighth device (device 7):
CFG = 00000000, TLSZ = 01, HLAT = 010,
LRAM = 1, and LDEV = 1.
Note: All eight devices must be programmed with
the same values for TLSZ and HLAT. Only the last
device in the table (Device 7 in this case) must be
programmed with LRAM = 1 and LDEV = 1. All
other upstream devices (Devices 0 through 6 in
this case) must be programmed with LRAM = 0
and LDEV = 0.
Figure 24, page 43 shows the timing diagram for a
SEARCH command in the 68-bit-configured table
of eight devices for Device 0. Figure 25, page 44
shows the timing diagram for a SEARCH com-
mand in the 68-bit-configured table of eight devic-
es for Device 1. Figure 26, page 45 shows the
timing diagram for a SEARCH command in the
68-bit-configured table of eight devices for Device
7 (the last device in this specific table). For these
timing diagrams four 68-bit searches are per-
formed sequentially. HIT/MISS assumptions were
made as shown below in Table 27.
The sequence of operation for a 68-bit SEARCH
command is as follows:]
– Cycle A: The host ASIC drives CMDV high and
applies the SEARCH command code ('10') on
CMD[1:0] signals. CMD[5:3] must be driven with
the index to the global mask register pair for use
in the SEARCH operation. CMD[8:7] signals
must be driven with the same bits that will be
driven on SADR[23:21] by this device if it has a
hit. DQ[67:0] must be driven with the 68-bit data
to be compared. The CMD[2] signal must be
driven to Logic '0.'
– Cycle B: The host ASIC continues to drive
CMDV high and applies the SEARCH command
('10') on CMD[1:0]. CMD[5:2] must be driven by
the index of the comparand register pair for stor-
ing the 136-bit word presented on the DQ Bus
during Cycles A and B. CMD[8:6] signals must
be driven with the index of the SSR that will be
used for storing the address of the matching en-
try and the Hit Flag (see SEARCH-Successful
Registers (SSR[0:7]), page 23). The DQ[67:0]
continues to carry the 68-bit data to be com-
pared.
Note: For 68-bit searches, the host ASIC must
supply the same data on DQ[67:0] during both
Cycles A and B. The even and odd pair of
GMRs selected for the comparison must be pro-
grammed with the same value.
The logical 68-bit SEARCH operation is shown in
Figure 23, page 42. The entire table with eight de-
vices of 68-bit entries is compared to a 68-bit word
K (presented on the DQ Bus in both Cycles A and
B of the command) using the GMR and the local
mask bits. The effective GMR is the 68-bit word
specified by the identical value in both even and
odd GMR pairs in each of the eight devices and
selected by the GMR Index in the command’s Cy-
cle A. The 68-bit word K (presented on the DQ Bus
in both Cycles A and B of the command) is also
stored in both even and odd comparand register
pairs (selected by the Comparand Register Index
in command Cycle B) in each of the eight devices.
In the x68 configuration, only the even comparand
register can subsequently be used by the LEARN
command in one of the devices (only the first non-
full device). The word K (presented on the DQ Bus
in both Cycles A and B of the command) is com-
pared with each entry in the table starting at loca-
tion “0.” The first matching entry’s location
address, “L,” is the winning address that is driven
as part of the SRAM address on the SADR[21:0]
lines (see SRAM ADDRESSING, page 126). The
global winning device will drive the bus in a specif-
ic cycle. On a global miss cycle the device with
LRAM = 1 (default driving device for the SRAM
Bus) and LDEV = 1 (default driving device for SSF
and SSV signals) will be the default driver for such
missed cycles.
The SEARCH command is a pipelined operation
and executes a search at half the rate of the fre-
quency of CLK2X for 72-bit searches in x68-con-
figured tables. The latency of SADR, CE_L,
ALE_L, WE_L, SSV, and SSF from the 68-bit
SEARCH command cycle (two CLK2X cycles) is
shown in Table 28, page 46
The latency of the search from command to SRAM
access cycle is 5 for up to eight devices in the table
(TLSZ = 01). SSV and SSF also shift further to the
right for different values of HLAT, as specified in
Table 29, page 46.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com